SLPX331M350E3P3
AI

The part number **SLPX331M350E3P3** refers to a high-performance **Aluminum Electrolytic Capacitor** manufactured by **Cornell Dubilier (CDE)**. It belongs to the **SLPX Series**, which is designed for long life and high ripple current in a snap-in package.
---
### 1. Part Number Breakdown
The nomenclature reveals the specific characteristics of the component:
| Code Segment | Meaning | Description |
| :--- | :--- | :--- |
| **SLPX** | Series Name | 85°C Snap-In Aluminum Electrolytic |
| **331** | Capacitance | 330 µF (33 + 1 zero) |
| **M** | Tolerance | ±20% |
| **350** | Voltage | 350 Volts DC |
| **E** | Case Code | Refers to diameter (typically 30mm) |
| **3** | Case Length | Refers to height (typically 30mm) |
| **P3** | Termination | 3-pin or standard snap-in lead style |
---
### 2. Key Technical Specifications
These capacitors are utilized for energy storage and filtering in power electronics.
* **Capacitance:** 330 µF
* **Voltage Rating:** 350 VDC
* **Operating Temperature:** -40°C to +85°C
* **Endurance (Lifetime):** 3,000 hours at 85°C (Load Life)
* **Mounting Type:** Through Hole, Snap-In (Physical "snaps" hold it to the PCB before soldering).
* **Polarity:** Polarized (Electrolytic).
---
### 3. Physical Dimensions (Approximate)
| Dimension | Measurement |
| :--- | :--- |
| **Diameter** | 30.00 mm |
| **Height (Max)** | 30.00 mm |
| **Lead Spacing** | 10.00 mm |
---
### 4. Applications and Use Cases
This specific capacitor is commonly found in circuits requiring high-voltage DC stabilization:
1. **Switch Mode Power Supplies (SMPS):** Used as a bulk storage capacitor for the input rectification stage.
2. **Uninterruptible Power Supplies (UPS):** Filtering and energy storage for power backup systems.
3. **Motor Drives:** Used in the DC bus of industrial motor controllers.
4. **Solar Inverters:** Managing high-voltage DC links from solar arrays.
---
### 5. Circuit Symbol & Footprint
```text
+ ---||--- -
(Capacitor)
```
* **Warning:** Since this is a polarized capacitor, the negative terminal (indicated by a stripe on the casing) must be connected to the lower potential. Reversing polarity on a 350V capacitor can lead to component failure or explosion.
---
- ⤷What is the difference between the SLPX and the SLP series from Cornell Dubilier?
- ⤷ How do I calculate the ripple current rating for this specific capacitor?
- ⤷ What are the PCB layout recommendations for snap-in capacitors?