AI

The **SMA15VG-CB2-R** is a high-performance, surface-mount (SMD) piezoelectric buzzer (transducer) typically manufactured by companies like **Challenge Electronics**. It is designed for applications requiring high sound pressure levels (SPL) in a compact, low-profile package.
Below is a detailed breakdown of its electronic specifications and features.
---
## 1. Technical Specifications
The following table outlines the primary electrical and physical characteristics of the SMA15VG-CB2-R:
| Parameter | Value |
| :--- | :--- |
| **Type** | Piezoelectric Transducer (External Drive) |
| **Operating Voltage** | 3.0 ~ 20.0 Vp-p |
| **Rated Voltage** | 5.0 Vp-p (Square Wave) |
| **Current Consumption** | $\le$ 5 mA (at rated voltage) |
| **Sound Pressure Level (SPL)** | $\ge$ 80 dB (at 10cm / 5Vp-p / 4kHz) |
| **Resonant Frequency** | 4,000 Hz $\pm$ 500 Hz |
| **Capacitance** | 12,000 pF $\pm$ 30% (at 120Hz) |
| **Operating Temperature** | -40°C to +85°C |
| **Mounting Type** | Surface Mount (SMD) |
---
## 2. Component Composition
This part consists of several key electronic and mechanical elements:
### A. Piezoelectric Ceramic Element
The "heart" of the device is a lead zirconate titanate (PZT) ceramic disk. When an alternating voltage is applied, the inverse piezoelectric effect causes the disk to deform physically, vibrating the air to create sound.
### B. Internal Housing
The **"CB2"** in the part number often refers to the specific housing design. It utilizes a Liquid Crystal Polymer (LCP) or similar high-temperature plastic case, allowing it to withstand the heat of lead-free reflow soldering processes.
### C. Electrical Terminals
The device features brass or copper alloy leads with tin plating for SMD soldering. As a **transducer** (rather than an indicator), it does not have internal circuitry to generate a tone; it requires an external oscillating signal.
---
## 3. Implementation and Driving Circuit
Because this is an **External Drive** transducer, you cannot simply apply a DC voltage to it. You must provide a square wave at its resonant frequency (4.0 kHz).
### Example Drive Circuit
A simple BJT or MOSFET switching circuit is typically used to drive the piezo:
```text
VCC (3-20V)
|
+----------+
| |
[Piezo] [Diode/Resistor for
| Back-EMF Protection]
| |
(C/D) +
|
[NPN/N-CH] <--- PWM Signal (4kHz)
|
GND
```
---
## 4. Key Advantages
* **Low Current Draw:** Unlike magnetic buzzers, piezo transducers consume very little power, making them ideal for battery-operated devices.
* **Thin Profile:** Its "VG" designation usually refers to a "Vertical" or specific low-height geometry suitable for slim electronics like handheld meters or medical devices.
* **Durability:** No moving mechanical contacts (like an electromagnetic clapper), leading to a longer lifespan.
- ⤷What is the difference between an external drive transducer and an internal drive indicator?
- ⤷ How do I calculate the power consumption of a piezo buzzer based on capacitance?
- ⤷ What are the recommended reflow soldering profiles for the SMA15VG-CB2-R?