SML-R12M8T
AI

The **SML-R12M8T** is a high-brightness, surface-mount (SMD) Light Emitting Diode (LED) manufactured by **ROHM Semiconductor**. It belongs to the Mini-Mold SML-R12 series, characterized by its compact size and high reliability.
---
## 1. Technical Specifications
The following table summarizes the core electrical and optical characteristics of the SML-R12M8T:
| Parameter | Value / Specification |
| :--- | :--- |
| **Color** | Yellowish-Green (MG) |
| **Wavelength ($\lambda_D$)** | 572 nm (Typical) |
| **Luminous Intensity ($I_V$)** | 25 mcd (at 20mA) |
| **Forward Voltage ($V_F$)** | 2.2 V (Typical) |
| **Forward Current ($I_F$)** | 20 mA (Max Continuous) |
| **Operating Temperature** | -40°C to +85°C |
| **Package Size** | 1608 (0603 inch) - 1.6 x 0.8 mm |
| **Lens Type** | Transparent (Clear) |
---
## 2. Key Electronic Features
### A. Material Composition
The SML-R12M8T utilizes **GaP (Gallium Phosphide)** as the base semiconductor material. GaP is standard for producing green and yellow-green spectrums efficiently at low power.
### B. Package Design (1608 Metric)
The "R12" designation refers to the chip-LED structure. It is an **0603 (inch)** footprint, which is one of the most common sizes for indicator lights. Its low profile (0.55mm height) makes it ideal for thin consumer electronics.
### C. Thermal and Electrical Robustness
* **Power Dissipation ($P_D$):** Rated at 75mW.
* **Peak Forward Current:** Can handle up to 100mA for very short pulses (duty 1/10, 1ms).
* **Reverse Voltage ($V_R$):** Rated at 5V, meaning it requires protection circuits if used in AC or high-noise environments.
---
## 3. Recommended Circuit Configuration
When integrating this LED into a circuit, a current-limiting resistor is mandatory to prevent thermal runaway.
### Calculation Example:
To run the LED from a **5V DC source** at a safe **10mA**:
```text
R = (V_source - V_F) / I_F
R = (5V - 2.2V) / 0.01A
R = 280 Ohms (Use a standard 300Ω or 330Ω resistor)
```
---
## 4. Typical Applications
Due to its yellowish-green hue and small form factor, it is commonly used for:
* **Status Indicators:** Power ON/OFF lights on PCBs.
* **Backlighting:** Small LCD screens or membrane switches.
* **Consumer Electronics:** Wearables, smart home devices, and mobile handsets.
* **Automotive:** Internal dashboard lighting and button illumination.
- ⤷
What is the difference between SML-R12M8T and the SML-D12 series?
- ⤷ What is the recommended solder profile for this SMD LED?
- ⤷ How does the luminous intensity change if the current is reduced to 5mA?