SML-R13PWT86P
AI

The **SML-R13PWT86P** is a high-brightness surface-mount (SMD) Light Emitting Diode (LED) manufactured by **ROHM Semiconductor**. It belongs to the SML-R12/R13 series, known for its compact "0603" footprint and high reliability.
---
### 1. General Specifications
Below are the primary technical characteristics of the component:
| Parameter | Specification |
| :--- | :--- |
| **Package Size** | 0603 (1608 Metric) - 1.6 x 0.8 mm |
| **Emitting Color** | Khaki (Yellowish-Green / Warm Tones) |
| **Luminous Intensity** | ~25 mcd (at 20mA typical) |
| **Forward Voltage ($V_F$)** | 2.2V (Typical) |
| **Dominant Wavelength** | 560 nm - 580 nm |
| **Operating Temperature** | -40°C to +85°C |
| **Lens Type** | Transparent / Clear |
---
### 2. Key Electronic Features
* **Miniaturization:** The 1.6mm x 0.8mm profile makes it ideal for high-density circuit boards where space is a premium.
* **AIGaInP Technology:** This LED utilizes Aluminum Indium Gallium Phosphide (AlGaInP) material, which offers higher efficiency and brightness compared to older GaP technologies.
* **Thin Profile:** The "R1" series is specifically designed with a low height (approx. 0.36mm), making it suitable for thin-film switches and ultra-thin mobile devices.
* **Reflow Solderable:** It is designed for standard automated SMT (Surface Mount Technology) assembly processes.
---
### 3. Absolute Maximum Ratings ($T_a = 25°C$)
| Item | Symbol | Maximum Rating |
| :--- | :--- | :--- |
| **Power Dissipation** | $P_D$ | 52 mW |
| **Forward Current** | $I_F$ | 20 mA |
| **Peak Forward Current** | $I_{FP}$ | 100 mA (1/10 duty, 1kHz) |
| **Reverse Voltage** | $V_R$ | 5 V |
---
### 4. Common Applications
Due to its color and size, the SML-R13PWT86P is frequently found in:
1. **Status Indicators:** Power-on lights for portable electronics.
2. **Backlighting:** Illumination for buttons and LCD panels in automotive or industrial dashboards.
3. **Consumer Electronics:** Wearables, smart home devices, and mobile handsets.
---
### 5. Part Number Breakdown
The suffix `T86P` usually refers to the **Taping and Packaging** specifications:
* **T86:** Standard 8mm wide embossed carrier tape (4,000 pieces per reel).
* **P:** Specific binning or technical variation code defined by ROHM.
- ⤷
What is the peak wavelength for this specific LED color?
- ⤷ Are there alternative colors available in the SML-R13 series?
- ⤷ What is the recommended footprint for soldering this component?