Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • SN74CBT16811CDLR

  • AI
    ## Overview of SN74CBT16811CDLR The **SN74CBT16811CDLR** is a high-speed CMOS FET bus switch manufactured by Texas Instruments. It is designed to facilitate high-speed data switching while maintaining low propagation delay and signal integrity. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Logic Type** | Bus Switch (FET) | | **Configuration** | 24-Bit 1-of-1 | | **Operating Voltage (Vcc)** | 4.0 V to 5.5 V | | **Input/Output Type** | TTL Compatible | | **Propagation Delay** | 0.25 ns (Typical) | | **Package** | SSOP (Shrink Small-Outline Package) | | **Pins** | 56 | | **Operating Temperature** | -40°C to 85°C | --- ### 2. Functional Description The device consists of 24 independent N-channel FET switches. When the output-enable ($\overline{OE}$) input is low, the switch is **ON**, connecting port A to port B. When $\overline{OE}$ is high, the switch is **OFF**, creating a high-impedance state between the ports. #### Core Features: * **Low ON-Resistance ($r_{on}$):** Typically 5 $\Omega$, which minimizes signal distortion and heat generation. * **Near-Zero Propagation Delay:** Because it functions as a simple wire-like connection when active, it does not add significant timing overhead. * **5V Tolerant:** It is capable of handling 5V TTL levels even when powered at slightly different rails. * **Undershoot Protection:** The "C" in the part number indicates improved circuitry to handle signal undershoot (clamping). --- ### 3. Pin Configuration (Simplified) | Pin Groups | Function | | :--- | :--- | | **1A1 - 24A** | I/O Port A (24 lines) | | **1B1 - 24B** | I/O Port B (24 lines) | | **$\overline{OE1}$, $\overline{OE2}$** | Output Enable (Active Low) | | **Vcc** | Power Supply (Typically 5V) | | **GND** | Ground | --- ### 4. Common Applications 1. **Memory Interleaving:** Used to switch address or data buses between different banks of memory. 2. **Bus Isolation:** Provides a way to disconnect a segment of a bus to reduce capacitive loading or prevent signal interference. 3. **Hot-Plugging:** Safe for use in systems where boards are inserted or removed while powered on. 4. **Voltage Level Shifting:** Can be used for simple 5V to 3.3V translation (with the addition of a series diode or specific biasing). --- ### 5. Part Number Breakdown * **SN74:** Standard Logic prefix. * **CBT:** Crossbar Technology (High-speed FET switch). * **16:** Indicates a wide bus width (usually 16 to 24 bits in this family). * **811:** Specific device architecture code. * **C:** Enhanced undershoot protection. * **DLR:** Packaging code (SSOP, Tape & Reel). ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between CBT and CBTLV logic families?
    • ⤷ How does the ON-resistance affect signal integrity in high-speed buses?
    • ⤷ Can the SN74CBT16811 be used for bidirectional data flow?