SRP4012CC-R15Y
AI

The **SRP4012CC-R15Y** is a high-performance, shielded power inductor manufactured by Bourns. It is designed primarily for high-density power supply applications where efficiency and thermal stability are critical.
---
### 1. Component Specifications
The following table outlines the primary electrical and physical characteristics of the SRP4012CC-R15Y:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 0.15 µH |
| **Tolerance** | ±30% |
| **Rated Current (Irms)** | 12.0 Amperes |
| **Saturation Current (Isat)** | 14.5 Amperes |
| **DC Resistance (DCR)** | 4.8 mΩ (Max) |
| **Operating Temperature** | -55°C to +125°C |
| **Package Size** | 4.0 x 4.0 x 1.0 mm (approx) |
| **Shielding** | Shielded (Metal Alloy Powder) |
---
### 2. Key Features and Construction
The "SRP" series from Bourns is known for specific engineering advantages:
* **Carbonyl Powder Core:** Uses a metal alloy powder core that provides high saturation current and low core losses at high frequencies.
* **Magnetic Shielding:** The molded construction minimizes electromagnetic interference (EMI), making it suitable for noise-sensitive circuits.
* **Low Profile:** The "12" in the part number signifies a height of approximately 1.2mm, ideal for ultra-thin electronics like tablets or low-profile DC-DC converters.
* **AEC-Q200 Compliance:** Most parts in this series are qualified for automotive use, ensuring high reliability under thermal shock and vibration.
---
### 3. Application Examples
Because of its high current handling and small footprint, it is commonly used in:
* **DC/DC Converters:** Point-of-Load (POL) power supplies for CPUs and GPUs.
* **Consumer Electronics:** Smartphones, tablets, and SSDs.
* **Industrial/Automotive:** Driver assistance systems and infotainment power rails.
---
### 4. Part Number Breakdown
The nomenclature can be decoded as follows:
| Code | Meaning |
| :--- | :--- |
| **SRP** | Series Name (Shielded Power Inductor) |
| **4012** | Dimensions (4.0mm x 4.0mm x 1.2mm) |
| **CC** | Material/Designator (Carbonyl Core) |
| **R15** | Inductance Value (R15 = 0.15 µH) |
| **Y** | Tolerance (Y = ±30%) |
- ⤷
What are the alternatives to the SRP4012CC series if I need a higher inductance?
- ⤷ How does the saturation current (Isat) affect the performance of this inductor in a circuit?
- ⤷ Can this inductor be used in high-frequency switching regulators above 2MHz?