SRP4012CC-R22M
AI

The **SRP4012CC-R22M** is a high-current, shielded power inductor manufactured by Bourns. It is part of the SRP4012CC series, designed primarily for DC/DC converter applications where high efficiency and compact size are required.
---
### 1. Part Number Breakdown
Understanding the alphanumeric code helps identify the specific characteristics of the component:
| Segment | Meaning | Value |
| :--- | :--- | :--- |
| **SRP** | Series Name | High current power inductor |
| **4012** | Dimensions | Approx. 4.0 x 4.0 x 1.2 mm |
| **CC** | Material/Design | Carbonyl powder core |
| **R22** | Inductance Value | 0.22 µH |
| **M** | Tolerance | ±20% |
---
### 2. Key Technical Specifications
Below are the electrical and physical parameters for this specific part:
| Parameter | Specification |
| :--- | :--- |
| **Inductance** | 0.22 µH |
| **DCR (Direct Current Resistance)** | 6.6 mΩ (Typical) / 8.2 mΩ (Max) |
| **Irms (Heating Current)** | 9.5 Amperes |
| **Isat (Saturation Current)** | 12.5 Amperes |
| **Operating Temperature** | -55°C to +125°C |
| **Shielding** | Magnetically Shielded |
---
### 3. Core Features & Technology
* **Carbonyl Powder Core:** The inductor uses a metal alloy powder core. This construction allows for "soft saturation," meaning the inductance drops gradually as current increases, rather than dropping off sharply.
* **Low Profile:** With a height of only 1.2 mm, it is ideal for ultra-thin electronic devices like tablets and slim laptops.
* **Shielded Construction:** The molded construction minimizes electromagnetic interference (EMI), which is critical for densely packed circuit boards.
* **High Current Handling:** Despite its small footprint, it can handle a saturation current of up to 12.5A, making it suitable for high-performance power stages.
---
### 4. Common Applications
This component is typically found in the following circuits:
1. **DC/DC Converters:** Voltage regulation in smartphones and portable electronics.
2. **GPU/CPU Power Supply:** Providing stable current to high-speed processors.
3. **Battery Powered Devices:** High-efficiency power management systems.
4. **SSD Drives:** Used in the power rails of solid-state storage.
- ⤷
What are the main differences between the SRP4012CC and the SRP4012TA series?
- ⤷ How does the 'soft saturation' of this inductor benefit a DC/DC converter circuit?
- ⤷ Are there recommended footprints for soldering the SRP4012CC-R22M?