SSM2315CBZ-R2
AI

### SSM2315CBZ-R2: Overview and Technical Specifications
The **SSM2315CBZ-R2** is a high-efficiency, filterless **Class-D audio amplifier** manufactured by Analog Devices. It is designed specifically for mobile and portable electronics where space and power efficiency are critical.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Amplifier Type** | Class-D |
| **Output Power** | 3.0 W into 3 $\Omega$ load / 2.4 W into 4 $\Omega$ load |
| **Operating Voltage** | 2.5 V to 5.5 V |
| **Efficiency** | Up to 93% |
| **Signal-to-Noise Ratio (SNR)** | 93 dB |
| **Package Type** | 9-Ball WLCSP (Wafer Level Chip Scale Package) |
| **THD + N** | 0.03% (at 1 kHz, 100 mW output) |
---
### 2. Core Functional Components
The internal architecture of the SSM2315 consists of several sophisticated stages that allow it to drive speakers directly without heavy external filtering:
* **Filterless Modulation:** It uses a spread-spectrum pulse-density modulation (PDM) scheme. This reduces electromagnetic interference (EMI) and eliminates the need for bulky LC output filters.
* **Differential Input:** The chip features fully differential inputs, which provide excellent rejection of common-mode noise (like GSM buzz in mobile phones).
* **Shutdown Control:** It includes a low-power shutdown mode (typically <20 nA) to preserve battery life when the audio is not in use.
* **Integrated Protection:** Built-in circuitry protects the device against:
* Short circuits at the output.
* Thermal overload (overheating).
* Under-voltage conditions.
---
### 3. Pin Configuration (Typical 9-Ball WLCSP)
| Pin Name | Function | Description |
| :--- | :--- | :--- |
| **VDD / PVDD** | Power Supply | Input voltage for the analog and power stages. |
| **GND / PGND** | Ground | Reference point for the circuit. |
| **IN+ / IN-** | Audio Input | Differential audio signals. |
| **OUT+ / OUT-** | Audio Output | Pulse-modulated output to the speaker. |
| **SD** | Shutdown | Logic low puts the chip into a sleep state. |
---
### 4. Applications
Due to its small footprint and high efficiency, the SSM2315CBZ-R2 is commonly found in:
* **Mobile Handsets:** Driving the internal loudspeaker.
* **Portable Media Players:** Handheld gaming or music devices.
* **Laptops/Tablets:** Compact audio solutions for thin-profile screens.
---
- ⤷What are the advantages of a Class-D amplifier over a Class-AB in portable devices?
- ⤷ What is 'spread-spectrum' modulation in the context of EMI reduction?
- ⤷ How do you calculate the power dissipation for the SSM2315 at peak output?