SSM2319CBZ-R2
AI

## Overview of the SSM2319CBZ-R2
The **SSM2319CBZ-R2** is a high-efficiency, filterless **Class-D audio amplifier** specifically designed for mobile phones and portable electronic devices. It is manufactured by **Analog Devices (ADI)** and focuses on delivering high output power while maintaining a very small PCB footprint.
---
### Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Amplifier Type** | Class-D |
| **Output Power** | 3.7W into 3 $\Omega$ load (at 5V) |
| **Operating Voltage** | 2.5V to 5.5V |
| **SNR (Signal-to-Noise Ratio)** | >100 dB |
| **Efficiency** | Up to 93% |
| **Package Type** | 9-ball WLCSP (Wafer Level Chip Scale Package) |
| **Shutdown Current** | <0.1 µA (typical) |
---
### Core Functional Features
1. **Filterless Design:**
The device utilizes a proprietary "spread-spectrum" sigma-delta modulation. This eliminates the need for bulky external LC (Inductor-Capacitor) filters, reducing the total bill of materials (BOM) cost and saving board space.
2. **High PSRR (Power Supply Rejection Ratio):**
With a PSRR of 80 dB at 217 Hz, it is highly resistant to noise caused by battery fluctuations or GSM interference (commonly known as "TDMA noise" in mobile phones).
3. **Flexible Gain Settings:**
The gain can be adjusted using a single external resistor, or it can be set to preset levels (e.g., 6 dB, 12 dB) depending on the wiring of the gain pins.
4. **Protection Circuitry:**
* **Short Circuit Protection:** Prevents damage if the speaker leads are shorted.
* **Thermal Shutdown:** Shuts the device down if it exceeds safe operating temperatures.
* **Pop-and-Click Suppression:** Ensures silent turn-on/off transitions.
---
### Pin Configuration (9-Ball WLCSP)
The physical layout is extremely compact. Below is a conceptual representation of the pin functions:
| Pin Name | Function Description |
| :--- | :--- |
| **VDD / PVDD** | Power Supply inputs for analog and power stages. |
| **GND / PGND** | Ground connections. |
| **IN+ / IN-** | Differential audio inputs. |
| **OUT+ / OUT-** | Differential Class-D outputs to the speaker. |
| **SD** | Shutdown pin (active low). |
| **GAIN** | Gain selection/configuration pin. |
---
### Application Circuit Example
To use the SSM2319, you typically only need a few decoupling capacitors and the input coupling capacitors.
```c
// Typical Signal Flow
[Audio Source] --> [C_in] --> [SSM2319 Inputs]
[SSM2319 Outputs] --> [Speaker]
[Power Supply] --> [C_bypass] --> [SSM2319 VDD]
```
---
### Typical Applications
* Mobile Handsets / Smartphones
* Portable Media Players (PMPs)
* Handheld Gaming Devices
* Active Speakers (Small Form Factor)
- ⤷
What are the advantages of spread-spectrum modulation in Class-D amplifiers?
- ⤷ How does the SSM2319 compare to its predecessor
- ⤷ the SSM2317?
- ⤷ What is the recommended value for the input coupling capacitors?