STDRIVE102HTR
AI

## Overview of the STDRIVE102HTR
The **STDRIVE102HTR** is a high-voltage, dual-channel gate driver produced by STMicroelectronics. It is specifically designed to drive two independent N-channel MOSFETs or IGBTs. It is widely used in half-bridge configurations for motor control and power conversion applications.
---
### Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Driver Configuration** | Half-Bridge (High-Side and Low-Side) |
| **Max Voltage (Vboot)** | Up to 600 V |
| **Logic Inputs Compatibility** | 3.3 V and 5 V |
| **Output Current (Source/Sink)** | 200 mA / 350 mA |
| **Package** | HTSSOP20 (High Temperature) |
| **Operating Temperature** | -40°C to 150°C |
---
### Core Electronic Components & Features
#### 1. Integrated Bootstrap Diode
The chip includes an internal high-voltage bootstrap diode. This eliminates the need for an external diode to charge the high-side floating supply capacitor, reducing the overall Bill of Materials (BOM) cost and PCB footprint.
#### 2. Logic Input & Control
* **Interlocking Function:** Prevents both high-side and low-side outputs from being high simultaneously, protecting the external bridge from "shoot-through" (short circuits).
* **Deadtime:** It features an internal fixed deadtime to ensure one transistor is fully off before the other turns on.
#### 3. Protection Circuitry
* **UVLO (Under Voltage Lockout):** Monitored on both the low-side ($V_{cc}$) and high-side ($V_{boot}$) sections to prevent the MOSFETs from operating in a linear region where they could overheat.
* **Shutdown (SD) Pin:** A dedicated pin to pull the outputs low in case of emergency or fault detection.
#### 4. Smart Shutdown Function
The STDRIVE102HTR incorporates a fast-acting shutdown circuit. When a fault is detected (like overcurrent via an external comparator), the device can disable outputs in a matter of nanoseconds.
---
### Typical Application Circuit
Below is a conceptual representation of how the STDRIVE102HTR is wired in a half-bridge circuit:
```text
VCC (15V)
|
[STDRIVE102HTR]
| LIN (PWM L) |------> [Low-Side Gate]
| HIN (PWM H) |------> [High-Side Gate]
| VBOOT |---(C_boot)---| Phase Node
| SD/OD |---(Fault) |
|
GND
```
---
### Pinout Summary (HTSSOP20)
| Pin Name | Function |
| :--- | :--- |
| **VCC** | Low-voltage power supply |
| **HIN / LIN** | High/Low side logic inputs |
| **SD / OD** | Shutdown input / Open-drain fault output |
| **BOOT** | High-side floating supply voltage |
| **HVG / LVG** | High/Low side gate drive outputs |
| **OUT** | High-side floating ground (Phase node) |
| **GND** | Ground |
- ⤷
What are the main differences between the STDRIVE102 and the STDRIVE601?
- ⤷ How do you calculate the required bootstrap capacitor value for this driver?
- ⤷ Can this driver be used in a full-bridge inverter configuration?