STK14D88-R35
AI

The **STK14D88-R35** is a high-performance **256Kbit (32K x 8) Non-Volatile Static RAM (nvSRAM)** manufactured by Cypress Semiconductor (now part of Infineon Technologies). It combines the high speed of an SRAM with the non-volatile data retention of an EEPROM.
---
### ## Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Density** | 256 Kbit (32,768 words × 8 bits) |
| **Access Time** | 35 ns |
| **Operating Voltage** | 3.0V to 3.6V (3.3V Nominal) |
| **Interface** | Parallel (Standard SRAM interface) |
| **Package Options** | 32-pin SOIC or 32-pin CDIP |
| **Retention** | 20 Years (at 55°C) |
| **Endurance** | 1 Million STORE cycles |
---
### ## Key Architectural Features
1. **Hybrid Technology**:
Each memory cell consists of two components:
* **SRAM Cell**: Used for high-speed read/write operations during normal powered use.
* **Non-volatile Element**: A QuantumTrap storage cell that mirrors the SRAM.
2. **AutoStore Operation**:
The device monitors the power supply ($V_{CC}$). If power falls below a specific threshold, the chip automatically transfers all data from the volatile SRAM to the non-volatile elements using charge stored in an external capacitor.
3. **Hardware & Software STORE/RECALL**:
* **Hardware RECALL**: On power-up, the device automatically restores data from the non-volatile cells back to the SRAM.
* **Software Commands**: Specific address sequences can trigger a manual STORE or RECALL operation.
---
### ## Pin Functionality
Below is a simplified view of the primary control pins for the STK14D88:
| Pin Name | Function | Description |
| :--- | :--- | :--- |
| **A0 - A14** | Address Inputs | Selects one of the 32,768 bytes. |
| **DQ0 - DQ7** | Data I/O | Bidirectional data bus. |
| **$\overline{CE}$** | Chip Enable | Activates the device. |
| **$\overline{WE}$** | Write Enable | Enables writing to the SRAM. |
| **$\overline{OE}$** | Output Enable | Enables data output during a read. |
| **$V_{CAP}$** | Capacitor Pin | Connection for the AutoStore energy storage capacitor. |
---
### ## Applications
The STK14D88-R35 is typically used in industrial and critical systems where data loss is unacceptable:
* **Medical Equipment**: Storing calibration data and patient logs.
* **Industrial Automation**: Storing PLC state information and configuration.
* **Networking**: Storing routing tables or error logs during power failure.
* **Smart Meters**: Retaining billing data.
---
- ⤷
How do I calculate the required capacitance for the VCAP pin?
- ⤷ What is the difference between AutoStore and Software STORE?
- ⤷ Is the STK14D88-R35 pin-compatible with standard 32Kx8 SRAMs?