STK14D88-R45
AI

## STK14D88-R45 Technical Overview
The **STK14D88-R45** is a high-performance **256-Kbit (32K x 8) Non-volatile Static RAM (nvSRAM)** manufactured by Infineon Technologies (formerly Cypress Semiconductor). It is designed for applications requiring high-speed data access combined with the reliability of non-volatile storage.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Density** | 256 Kbit (32,768 words × 8 bits) |
| **Access Time** | 45 ns |
| **Interface** | Parallel (SRAM compatible) |
| **Operating Voltage** | 2.7V to 3.6V (Typical 3.3V) |
| **Package Type** | 32-pin SOIC (300 mil) |
| **Endurance** | 1,000,000 STORE cycles |
| **Data Retention** | 20 Years (minimum) |
---
### 2. Core Architecture & Operation
The STK14D88 combines two distinct memory technologies into a single chip:
1. **Fast SRAM:** Provides high-speed read and write cycles (45ns).
2. **Non-volatile Element (QuantumTrap):** A shadow EEPROM cell paired with every SRAM cell.
#### How it works:
* **Normal Operation:** The device acts as a standard high-speed SRAM. Data is read and written using standard `CE` (Chip Enable), `OE` (Output Enable), and `WE` (Write Enable) signals.
* **STORE Operation:** During a power failure or manual command, the data is transferred from the SRAM to the non-volatile elements.
* **RECALL Operation:** Upon power restoration, the data is automatically copied back from the non-volatile elements into the SRAM.
---
### 3. Critical Features
* **AutoStore™:** The device monitors the $V_{CC}$ level. If the voltage drops below a safe threshold, the device automatically initiates a STORE operation using charge stored in a small external capacitor ($V_{CAP}$).
* **Software/Hardware Store & Recall:** Aside from automatic power-down cycles, the user can trigger data transfers via specific pin sequences or software commands.
* **Infinite Read/Write Life:** Unlike standard Flash or EEPROM, the SRAM portion has no wear-out mechanism. The endurance limit only applies to the number of transfers to the non-volatile section.
---
### 4. Pin Definition (Top View)
```text
+-------U-------+
VCAP | 1 32 | VCC
A12 | 2 31 | A14
A7 | 3 30 | A13
A6 | 4 29 | /WE
A5 | 5 28 | A8
A4 | 6 27 | A9
A3 | 7 26 | A11
A2 | 8 25 | /OE
A1 | 9 24 | A10
A0 | 10 23 | /CE
DQ0 | 11 22 | DQ7
DQ1 | 12 21 | DQ6
DQ2 | 13 20 | DQ5
VSS | 14 19 | DQ4
DQ3 | 15 18 | /HSB (Hardware Store Busy)
+---------------+
```
---
### 5. Typical Applications
* **Industrial Automation:** Storing configuration parameters and state machines.
* **Data Loggers:** Ensuring no data is lost during sudden power interruptions.
* **Medical Equipment:** Critical calibration and patient data storage.
* **RAID Controllers:** Storing cache metadata.
- ⤷
How do you calculate the required value for the VCAP capacitor?
- ⤷ What is the difference between the STK14D88 and the STK14C88 models?
- ⤷ How does the Software Store command sequence work without a dedicated pin?