Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • STM32F412RGH3

  • AI
    ## Overview of the STM32F412RGH3 The **STM32F412RGH3** is a high-performance microcontroller from STMicroelectronics' STM32F4 series. It is based on the **ARM® Cortex®-M4** 32-bit RISC core with a Floating Point Unit (FPU). It is designed for applications requiring high efficiency, DSP capabilities, and low power consumption. --- ### 1. Core and Performance Specifications The core architecture allows for single-cycle multiplication and hardware division, making it ideal for signal processing. | Feature | Specification | | :--- | :--- | | **Core** | ARM® Cortex®-M4 with FPU | | **Max Frequency** | 100 MHz | | **Performance** | 125 DMIPS/1.25 DMIPS/MHz (Dhrystone 2.1) | | **DSP Instructions** | Yes | --- ### 2. Memory Resources The "G" and "H" in the part number signify specific memory density and package types. * **Flash Memory:** 1 MB (High density for complex firmware). * **SRAM:** 256 KB (Flexible for data logging and buffering). * **Adaptive Real-Time (ART) Accelerator:** Allows 0-wait state execution from Flash memory. --- ### 3. Key Electronic Peripherals The STM32F412RGH3 is highly integrated with various communication and analog interfaces: #### Communication Interfaces * **I2C:** 4x interfaces (up to 1 MHz). * **USART/UART:** 4x interfaces (up to 12.5 Mbit/s). * **SPI/I2S:** 5x SPIs (up to 50 Mbit/s) / 5x I2S for high-quality audio. * **CAN:** 2x CAN interfaces (2.0B Active). * **USB:** USB 2.0 full-speed device/host/OTG controller. * **SDIO:** Interface for SD/MMC cards. #### Analog and Timing * **ADC:** 1x 12-bit, 2.4 MSPS ADC with up to 16 channels. * **Timers:** * 2x 32-bit timers. * 8x 16-bit timers (including PWM for motor control). * 2x Watchdog timers. --- ### 4. Electrical Characteristics Designed for versatility in power-sensitive environments. | Parameter | Range | | :--- | :--- | | **Operating Voltage (VDD)** | 1.7V to 3.6V | | **I/O Pins** | 50 (Package: UFBGA64) | | **Temperature Range** | -40°C to +85°C (Standard) | | **Low Power Modes** | Sleep, Stop, and Standby (VBAT for RTC) | --- ### 5. Package Information: UFBGA64 The **RGH3** suffix indicates the package and thermal properties: * **R:** 64-pin count. * **G:** 1 MB Flash memory. * **H:** UFBGA (Ultra Fine Pitch Ball Grid Array) package. * **3:** Industrial temperature range (-40°C to +125°C). --- ### 6. Example Code: GPIO Initialization Below is a basic C snippet using the HAL (Hardware Abstraction Layer) to initialize a GPIO pin. ```c /* Initialize GPIO Pin for an LED on Port A, Pin 5 */ void MX_GPIO_Init(void) { GPIO_InitTypeDef GPIO_InitStruct = {0}; __HAL_RCC_GPIOA_CLK_ENABLE(); // Enable Clock GPIO_InitStruct.Pin = GPIO_PIN_5; GPIO_InitStruct.Mode = GPIO_MODE_OUTPUT_PP; // Push-Pull GPIO_InitStruct.Pull = GPIO_NOPULL; GPIO_InitStruct.Speed = GPIO_SPEED_FREQ_LOW; HAL_GPIO_Init(GPIOA, &GPIO_InitStruct); } ``` ---
    ✨ Follow-up Questions
    • ⤷What are the primary differences between the STM32F412 and the STM32F411?
    • ⤷ Can you explain the ART Accelerator technology in this chip?
    • ⤷ How do I calculate power consumption for this MCU in Stop mode?