Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • SV-24-R

  • AI
    The **SV-24-R** typically refers to a high-performance **Solenoid Valve** or a specific **Indicator Light** module depending on the manufacturer (most commonly associated with industrial automation brands like *SMC* or *Patlite*). Below is a detailed breakdown of the electronic components and specifications generally associated with this part number, assuming the standard 24V DC industrial configuration. --- ## 1. Core Technical Specifications The "24" in the model number almost universally signifies the operating voltage, while the "R" often denotes the color (Red) or a specific Reset function. | Feature | Specification | | :--- | :--- | | **Input Voltage** | 24V DC | | **Current Consumption** | Approx. 20mA - 50mA (varies by load) | | **Connection Type** | Lead wires or Pin terminals | | **Polarity** | Polarized (Positive/Negative specific) | | **Light Source** | High-intensity LED (if indicator) | | **Circuit Protection** | Built-in Surge Suppression | --- ## 2. Key Electronic Components ### A. Solenoid/Actuator Coil If the device is a valve, the primary electronic part is the **Electromagnetic Coil**. - **Function:** Converts electrical energy into mechanical linear motion. - **Material:** Fine copper windings around a bobbin. - **Inductance:** Designed to minimize heat while maximizing magnetic flux to pull the internal plunger. ### B. Surge Suppressor (Varistor/Diode) To protect the PLC (Programmable Logic Controller) or driving circuit from back-EMF (electromotive force) spikes: - **Zener Diode/Varistor:** Absorbs voltage spikes when the coil is de-energized. - **Safety:** Prevents "arcing" and extends the life of the switching relay. ### C. LED Indicator Module Most modern SV-24-R units include a visual diagnostic: - **Resistor:** A current-limiting resistor ensures the LED doesn't burn out at 24V. - **Red LED:** Indicates that power is successfully reaching the coil or that the circuit is "Active." --- ## 3. Circuit Interface The SV-24-R is usually integrated into an industrial control loop as follows: ```mermaid graph LR A[24V Power Supply] --> B[PLC Output Card] B --> C{SV-24-R Module} C --> D[Mechanical Action/Light] ``` 1. **Positive (+) Terminal:** Connected to the signal line from the controller. 2. **Negative (-) Terminal:** Connected to the common ground (0V). --- ## 4. Maintenance and Troubleshooting - **Voltage Drop:** Ensure the supply is exactly 24V; lower voltages (e.g., <18V) may cause the solenoid to chatter or the LED to dim. - **Continuity Test:** Use a multimeter to check the resistance of the coil. An "Open" reading indicates a blown internal wire. - **Polarity:** If the LED does not light up but the mechanical part works, the wiring might be reversed.
    ✨ Follow-up Questions
    • ⤷ Is the SV-24-R you are referring to a solenoid valve or an LED indicator?
    • ⤷ What are the common causes of failure for 24V DC solenoid coils?
    • ⤷ How do I wire a surge suppression diode to this part?