Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • SVB-HZ-R/K

  • AI
    Based on industrial automation specifications, the **SVB-HZ-R/K** is a part number typically associated with **Electronic Safety Relays** or **Safety Gate Monitors**, often used in conjunction with magnetic safety switches or emergency stop circuits. Below is an explanation of its electronic components and characteristics. --- ### 1. General Overview The SVB-HZ-R/K serves as a safety evaluation unit. Its primary function is to monitor input signals (like door sensors) and safely disconnect power to machinery if a safety breach occurs. | Feature | Specification Details | | :--- | :--- | | **Component Type** | Safety Relay / Evaluation Unit | | **Input Channels** | Dual-channel (typically) for redundancy | | **Reset Logic** | Manual or Automatic reset (K-series often denotes specific logic) | | **Mounting** | DIN Rail (standard 35mm) | --- ### 2. Key Electronic Components The internal architecture consists of several critical stages to ensure "Fail-Safe" operation: #### A. Input Monitoring Circuit * **Dual-Loop Design:** It monitors two separate circuits simultaneously. If there is a discrepancy between the two signals (e.g., one wire breaks), the unit enters a fault state. * **Short-Circuit Detection:** It uses cross-fault monitoring to detect if wires are bridged externally. #### B. The Logic Processor * **Redundant Relays:** Internally, it uses two or more force-guided relays. If one relay contact welds shut, the other will still open the circuit, and the unit will prevent a restart. * **Feedback Loop:** A dedicated terminal for monitoring external contactors (EDM - External Device Monitoring). #### C. Power Supply Section * **Voltage Regulation:** Usually operates on 24V DC or 110V/230V AC depending on the specific sub-model. * **Protective Zener Diodes:** To prevent overvoltage from damaging the internal logic. --- ### 3. Connection Terminals (Typical Mapping) Safety relays like the SVB-HZ-R/K use standardized terminal naming conventions: | Terminal Label | Function Description | | :--- | :--- | | **A1 / A2** | Power Supply (Positive / Negative) | | **S11 / S12** | Input Channel 1 (Safety Sensor) | | **S21 / S22** | Input Channel 2 (Safety Sensor) | | **13 / 14** | NO (Normally Open) Safety Output 1 | | **23 / 24** | NO (Normally Open) Safety Output 2 | | **Y1 / Y2** | Reset / Feedback Loop | --- ### 4. Status Indicators (LEDs) The front panel typically features diagnostic LEDs to identify the electronic state: 1. **PWR:** Indicates the internal electronic board is receiving power. 2. **CH1 / CH2:** Indicates if the safety inputs are closed and the circuit is healthy. 3. **Fault:** Indicates a synchronization error or internal component failure.
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching current for the SVB-HZ-R/K outputs?
    • ⤷ How do you wire a manual reset button to this specific safety relay?
    • ⤷ What is the difference between the 'R' and 'K' variants in this product line?