SVF-4W2-R
AI

The **SVF-4W2-R** is a specific model of a **Direct-Acting 2-Port Solenoid Valve**, typically used for controlling the flow of fluids (liquids or gases) in automation and industrial machinery.
---
### 1. Key Technical Specifications
Below is a breakdown of the typical electronic and mechanical characteristics of the SVF-4W2-R:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Solenoid Valve (Direct Acting) |
| **Configuration** | 2-Way, 2-Position (Normally Closed) |
| **Operating Voltage** | Usually AC 110V/220V or DC 24V (depending on coil variant) |
| **Orifice Size** | Approx. 4.0 mm |
| **Connection Port** | 1/4" PT or NPT |
| **Pressure Range** | 0 to 7 kgf/cm² (0 - 0.7 MPa) |
| **Body Material** | Brass or Stainless Steel |
---
### 2. Electronic Components & Working Principle
The "electronic" aspect of this device is centered around the **Solenoid Actuator**. Here is how the parts interact:
#### A. The Solenoid Coil
* **Copper Winding:** A spool of fine copper wire that generates a magnetic field when energized.
* **Power Consumption:** Designed for continuous duty (ED 100%), meaning it can stay energized for long periods without overheating.
* **Insulation Class:** Usually Class F or H, allowing for high-temperature resistance.
#### B. The Plunger (Armature)
* A ferromagnetic rod located inside the coil.
* When electricity flows through the coil, the magnetic field pulls the plunger upward, overcoming the spring tension to open the valve orifice.
#### C. Electrical Connection (DIN Connector)
* The valve typically features a **DIN 43650** plug.
* It often includes an integrated **LED indicator** to show when the coil is receiving power.
* Some versions include a **Varistor (MOV)** for surge protection to prevent back-EMF from damaging the controlling PLC or relay.
---
### 3. Application Use Cases
The SVF-4W2-R is commonly found in the following systems:
1. **Pneumatic Control:** Controlling air cylinders or air-driven tools.
2. **Water Systems:** Automated shut-off for small-scale irrigation or cooling lines.
3. **Vacuum Systems:** Because it is "Direct Acting," it does not require a minimum pressure differential to operate, making it suitable for low-pressure or vacuum applications.
---
- ⤷
What are the wiring differences between the AC and DC versions of this valve?
- ⤷ How do I troubleshoot a solenoid coil that is not actuating?
- ⤷ Can this valve be used with corrosive chemicals or high-temperature steam?