Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • SVF-AC-R/CE

  • AI
    Based on technical specifications, the **SVF-AC-R/CE** refers to a high-performance **Synchronous AC Servo Drive** (often associated with brands like LS Electric or specialized CNC component manufacturers). These units are designed to control AC servo motors with high precision. --- ## 1. Core Electronic Component Breakdown The SVF-AC-R/CE consists of several critical electronic sub-systems that handle power conversion and signal processing. ### A. Power Conversion Stage | Component | Function | | :--- | :--- | | **Bridge Rectifier** | Converts incoming AC mains (single or three-phase) into a raw DC voltage. | | **DC Bus / Bulk Capacitors** | Large electrolytic capacitors that smooth the rectified DC voltage and store energy for sudden motor torque demands. | | **IPM (Intelligent Power Module)** | The "heart" of the drive. It contains the IGBTs (Insulated Gate Bipolar Transistors) that switch the DC back into Variable Frequency/Variable Voltage AC to drive the motor. | ### B. Control & Logic Stage * **DSP / Microcontroller:** The "brain" that runs the PID loops (Position, Velocity, and Torque control). * **Gate Drivers:** Low-power circuits that provide the high-speed signals necessary to switch the IGBTs on and off. * **Optocouplers / Isolators:** Protect the sensitive logic circuits from the high-voltage power stage through optical isolation. ### C. Feedback Interface * **Encoder Interface:** Electronic circuitry designed to read signals (Incremental or Absolute) from the motor to track position and speed. * **Current Sensors (Hall Effect):** Monitor the output current to ensure the motor doesn't overheat and to manage torque precisely. --- ## 2. Key Technical Specifications The "CE" suffix typically indicates compliance with European safety and health standards. | Feature | Specification Details | | :--- | :--- | | **Input Power** | Typically 200V-230V AC (Single or 3-Phase). | | **Control Method** | Space Vector PWM (Pulse Width Modulation). | | **Communication** | Usually supports RS-485 (Modbus) or pulse/direction inputs. | | **Protection** | Over-voltage, Under-voltage, Over-current, and Over-heat protection. | --- ## 3. Connector Pin-Outs (Common Logic) Most SVF-series drives utilize standardized connectors for interfacing with a CNC controller or PLC: ```text CN1 (I/O Connector): - Pins 1-2: 24V External Power Input - Pins 3-6: Pulse and Direction Inputs (Differential) - Pins 7-10: Digital Inputs (Servo ON, Alarm Reset) - Pins 12-15: Digital Outputs (Servo Ready, Alarm) CN2 (Encoder Connector): - A+, A-, B+, B-, Z+, Z- (Phases) - 5V DC Power Out (to Encoder) ``` --- ## 4. Safety and Compliance (CE Marking) The **CE** designation specifically indicates that the electronic parts include: 1. **EMC Filtering:** Internal or required external filters to reduce electromagnetic interference. 2. **Safety Logic:** Often includes a STO (Safe Torque Off) circuit to prevent accidental motor starts.
    ✨ Follow-up Questions
    • ⤷ What are the most common error codes for the SVF-AC-R/CE series?
    • ⤷ How do I wire the regenerative resistor to this drive?
    • ⤷ Which specific motor brands are compatible with the SVF-AC-R/CE?