T40-DISCO-ROCIADOR-SUPER
AI

The **T40-DISCO-ROCIADOR-SUPER** refers to the high-performance centrifugal sprinkler (atomizer) disk assembly used in the **DJI Agras T40** agricultural drone. Unlike traditional pressure nozzles, this system uses high-speed rotation to atomize liquid into fine droplets.
---
## 🛠️ Core Electronic & Mechanical Components
The "Super" variant of the T40 sprinkler system integrates several sophisticated electronic parts to ensure precision spraying:
### 1. High-Torque Brushless Motor
The heart of the assembly is a specialized brushless DC (BLDC) motor.
* **Function:** Spins the atomizing disk at speeds ranging from 8,000 to 16,000 RPM.
* **Control:** Regulated by the drone's ESC (Electronic Speed Controller) to adjust droplet size (VMD) in real-time via the remote controller.
### 2. Centrifugal Atomization Disk
While the disk itself is mechanical, its design is critical to the electronic load management.
* **Structure:** Features a dual-layer serrated edge.
* **Electronic Interaction:** The motor's sensors monitor the resistance on the disk to maintain constant RPM even as liquid density or flow rate changes.
### 3. Integrated ESC (Electronic Speed Controller)
Usually located within the arm or the motor housing base.
* **Communication:** Uses a digital bus to communicate with the Flight Controller.
* **Feedback:** Provides telemetry on motor temperature, current draw, and rotation speed to prevent burnout if the disk becomes jammed by debris.
---
## 📊 Technical Specifications
| Component | Specification |
| :--- | :--- |
| **Motor Type** | High-speed Brushless (BLDC) |
| **Droplet Size Range** | 50 - 500 μm (Adjustable) |
| **Max Rotation Speed** | ~16,000 RPM |
| **Cooling System** | Passive air-cooling via integrated fins |
| **Connection Interface** | Multi-pin waterproof quick-connector |
---
## 💡 Key Electronic Features
### Constant Flow Control
The system works in tandem with the **Electromagnetic Exhaust Valve** and the **Impeller Pump**. The electronics ensure that the motor speed of the sprinkler matches the pump's flow rate to prevent "dripping" and ensure uniform coverage.
### Protection Circuitry
The "Super" assembly includes sensors to detect:
* **Stalling:** If a branch or thick chemical residue stops the disk, the power is cut to save the motor.
* **Overheating:** Automatic throttling if the motor reaches critical temperatures during high-ambient-heat operations.
### Quick-Release Interface
The electronic connection uses gold-plated pins designed for high-current transmission and corrosion resistance against harsh pesticides.
---
- ⤷
How do you calibrate the T40 centrifugal disks through the DJI Fly app?
- ⤷ What are the common error codes associated with the T40 sprinkler motor?
- ⤷ How does the T40's centrifugal system compare to traditional pressure nozzles?