Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • TA8564FN

  • AI
    The **TA8564FN** is an integrated circuit (IC) developed by Toshiba, primarily designed as a **Servo Driver** and **RF Amplifier** for optical disc systems (like CD players or CD-ROM drives). It is a high-integration chip meant to handle the delicate analog signals from the optical pickup unit (OPU). --- ## 1. Core Specifications and Features | Feature | Specification / Description | | :--- | :--- | | **Package Type** | SSOP24-P-300-0.65A (Small Outline Package) | | **Operating Voltage** | Typically 3.0V to 5.5V | | **Function** | RF Amplifier + Focus/Tracking Error Detection | | **Output Type** | Analog voltage outputs for servo control | | **Current Consumption** | Low power consumption for portable devices | --- ## 2. Key Internal Electronic Blocks The TA8564FN consists of several critical functional blocks that process signals from the laser pickup: ### A. RF Amplifier (Radio Frequency) This block takes the weak current signals from the photo-detector diodes (A, B, C, D) and converts them into a high-frequency voltage signal. This "RF signal" (also called the Eye Pattern) contains the actual data stored on the disc. ### B. Focus Error (FE) Amplifier To keep the laser in focus, the IC calculates the difference between specific segments of the photo-detector. * **Method:** Usually uses the Astigmatic method. * **Function:** Generates an error signal that tells the focus actuator to move the lens up or down. ### C. Tracking Error (TE) Amplifier This ensures the laser stays on the spiral track of the disc. * **Method:** Often utilizes the Three-Beam method or Differential Phase Detection (DPD). * **Function:** Generates an error signal to move the lens horizontally. ### D. Automatic Power Control (APC) This circuit stabilizes the laser diode's output. It monitors the laser's brightness via a monitor diode and adjusts the drive current to prevent the laser from burning out or becoming too dim. --- ## 3. Pin Configuration Overview (Typical) While you should always consult the specific datasheet for pin mapping, the general distribution is as follows: 1. **Photodiode Inputs:** Pins for A, B, C, and D signals from the optical block. 2. **Gain Control:** Pins to adjust the amplification factor for different disc reflectivities (CD vs. CD-RW). 3. **Reference Voltage:** VREF pins to provide a stable midpoint for analog processing. 4. **Outputs:** Dedicated pins for RF out, FE out, and TE out. --- ## 4. Typical Application Circuit In a standard electronic design, the TA8564FN sits between the **Optical Pickup Unit (OPU)** and the **Digital Signal Processor (DSP)**. ```mermaid graph LR OPU[Optical Pickup] -->|Photodiode Current| TA8564FN TA8564FN -->|RF Signal| DSP[Data Decoder] TA8564FN -->|FE/TE Signals| Servo_Driver[Motor/Actuator Driver] ``` ---
    ✨ Follow-up Questions
    • ⤷ What are the specific pinout differences between the TA8564FN and other TA-series servo ICs?
    • ⤷ How do I troubleshoot a 'No Disc' error related to this IC?
    • ⤷ Can the TA8564FN be used for DVD applications
    • ⤷ or is it limited to CD technology?