Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • TC74HC4050API

  • AI
    ### Overview of TC74HC4050AP The **TC74HC4050AP** is a high-speed CMOS Hex Buffer manufactured by Toshiba (and others under the 74HC4050 series). It is primarily used for logic-level conversion and signal buffering. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Logic Family** | 74HC (High-speed CMOS) | | **Function** | Hex Buffer / Converter (Non-inverting) | | **Operating Voltage ($V_{CC}$)** | 2.0V to 6.0V | | **Input Voltage Range** | 0V to 15V (regardless of $V_{CC}$) | | **Propagation Delay** | ~8ns (at 5V) | | **Output Current ($I_{OH}/I_{OL}$)** | ±5.2 mA | | **Package Type** | DIP-16 (Dual In-line Package) | --- ### 2. Main Features and Functions #### A. Logic Level Shifting The most distinctive feature of the 74HC4050 is its ability to handle input voltages up to **15V**, even when the chip is powered by a lower voltage (e.g., 5V). * **Example:** You can feed a 12V logic signal into the input, and the chip will output a 5V logic signal (if $V_{CC}$ is 5V) without damaging the device. #### B. Hex Buffer Configuration The "Hex" designation means the chip contains **six independent buffers**. These are non-inverting, meaning the output logic level matches the input logic level (High in = High out). #### C. High Current Drive Compared to standard CMOS gates, the HC4050 is designed to drive heavier loads, making it suitable for interfacing with long cables or multiple logic inputs (high fan-out). --- ### 3. Pin Configuration (DIP-16) | Pin No. | Label | Description | | :--- | :--- | :--- | | 1 | $V_{CC}$ | Power Supply (2V - 6V) | | 2, 4, 6, 10, 12, 15 | 1Y to 6Y | Data Outputs | | 3, 5, 7, 9, 11, 14 | 1A to 6A | Data Inputs | | 8 | GND | Ground | | 13, 16 | N.C. | No Connection | --- ### 4. Common Application Example: SD Card Interfacing Microcontrollers like Arduino often operate at 5V, while SD cards operate at 3.3V. The TC74HC4050AP is frequently used to bridge this gap. ```cpp // Logic Diagram Concept // [Arduino 5V Pin] ----> [74HC4050 Input] // [74HC4050 VCC] ----> [Connected to 3.3V] // [74HC4050 Output] ----> [SD Card 3.3V Pin] ``` --- ### 5. Summary of Advantages * **Protection:** It protects low-voltage components from high-voltage spikes. * **Simplicity:** It replaces complex resistor-divider circuits for level shifting. * **Speed:** Much faster than 4000-series CMOS (e.g., CD4050B) while maintaining pin compatibility.
    ✨ Follow-up Questions
    • ⤷ What is the difference between TC74HC4050AP and the inverting version TC74HC4049AP?
    • ⤷ Can this chip be used to shift a 3.3V signal up to 5V?
    • ⤷ Does this chip require external pull-up resistors for its inputs?