Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • TCS-65-R/E

  • AI
    The **TCS-65-R/E** is a specific series of high-precision Temperature Controlled Soldering stations, often associated with the **Taiyo Electric (Goot)** brand. These units are designed for lead-free soldering and sensitive electronic components. Below is a detailed breakdown of its electronic components and technical specifications. --- ### 1. Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Power Consumption** | 65W - 70W (Model dependent) | | **Temperature Range** | 200°C to 450°C (392°F to 842°F) | | **Heater Type** | Ceramic Heater with integrated sensor | | **Voltage** | 110-130V or 220-240V AC | | **Insulation Resistance** | > 100MΩ | | **Tip-to-Ground Resistance** | < 2Ω | --- ### 2. Main Electronic Parts & Components The TCS-65-R/E consists of three primary electronic subsystems: the Control Board, the Heating Element, and the Feedback Loop. #### A. The Control Board (PCB) The internal PCB manages the power delivery using **Pulse Width Modulation (PWM)** or Zero-cross switching to maintain a steady temperature. * **Microcontroller/IC:** Typically utilizes a dedicated temperature control IC to compare the set resistance (user dial) against the actual resistance of the sensor. * **Triac/Thyristor:** Acts as the electronic switch to pulse power to the heater. * **Potentiometer:** The physical dial on the handle used to adjust the reference voltage for the desired temperature. #### B. The Ceramic Heater (The Core) The "R/E" variant specifically uses a high-output ceramic heater. * **Material:** Alumina ceramics. * **Integrated Thermistor:** Unlike cheaper irons, the sensor is embedded directly into the heating element. This allows for "Thermal Recovery," where the iron detects a drop in temperature the moment it touches a cold solder joint and compensates instantly. #### C. ESD Protection (Electrostatic Discharge) This unit is designed for working with CMOS and other static-sensitive parts. * **Grounding Path:** A dedicated wire connects the soldering tip directly to the power plug's ground pin. * **Leakage Prevention:** High insulation between the heating element and the tip to prevent AC voltage leakage. --- ### 3. Circuit Operation Logic 1. **Setting:** The user turns the dial, changing the resistance on the control circuit. 2. **Detection:** The integrated sensor in the ceramic heater sends a signal (resistance value) back to the PCB. 3. **Comparison:** The control IC compares the "Set" value vs the "Actual" value. 4. **Action:** * If **Actual < Set**: The Triac stays open longer, sending more current to the heater. * If **Actual = Set**: The Triac pulses at a low duty cycle to maintain the "idling" temperature. --- ### 4. Spare Parts Identification If you are performing repairs, these are the most common part numbers/types used: ```json { "Heater_Element": "RX-80HR / Specific 65W Ceramic", "Tips_Series": "RX-80HRT Series (High Heat Capacity)", "Calibration": "Internal Trimpot (VR1) for fine-tuning offset" } ```
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the temperature on the TCS-65 if it is off by several degrees?
    • ⤷ What are the specific differences between the 'R' and 'E' suffixes in this model?
    • ⤷ What are the common failure symptoms of the ceramic heater in this unit?