Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • TCS-8Z-R

  • AI
    The **TCS-8Z-R** is an 8-zone relay expansion module commonly used in building automation, HVAC controls, and security systems. It serves as an interface between low-power logic controllers and high-power electrical loads. --- ### 1. Key Electronic Components & Specifications The device consists of several critical layers that handle signal isolation, switching, and status reporting. | Component Type | Description | Specification/Function | | :--- | :--- | :--- | | **Relays** | 8 SPDT (Single Pole Double Throw) Relays | Handles AC/DC switching (typically up to 10A). | | **Optoisolators** | Optical Isolation Circuits | Protects the input logic from high-voltage surges on the load side. | | **Status LEDs** | Individual Channel Indicators | Visual feedback (Red/Green) for each active relay zone. | | **Terminal Blocks** | Screw-down Connectors | Interfaces for input signals and output power wiring. | | **Voltage Regulator** | Internal Power Management | Converts 24V AC/DC input to internal logic levels (5V/12V). | --- ### 2. Functional Layout #### A. Input Section (Control Side) The input side typically operates on low voltage (typically **24V AC/DC**). When a signal is received from a thermostat or PLC: * The signal passes through a current-limiting resistor. * It activates an **optocoupler**, ensuring there is no direct electrical connection between the controller and the relay coil. #### B. Switching Section (Power Side) The relays act as electronically controlled switches. * **NO (Normally Open):** Circuit is open until the relay is energized. * **NC (Normally Closed):** Circuit is closed until the relay is energized. * **COM (Common):** The shared terminal for the load. #### C. Safety Features * **Flyback Diodes:** These are placed across the relay coils to prevent voltage spikes (back EMF) from damaging internal transistors when the relay switches off. * **Fuse Protection:** Often includes onboard traces or fuses to prevent overcurrent damage to the PCB. --- ### 3. Application Use Cases * **HVAC Zoning:** Controlling multiple dampers or pumps from a single master controller. * **Industrial Automation:** Allowing a micro-controller to switch industrial motors or lighting banks. * **Signal Multiplication:** Taking one input signal and triggering multiple isolated outputs.
    ✨ Follow-up Questions
    • ⤷ What are the specific contact ratings (Amps/Volts) for the TCS-8Z-R relays?
    • ⤷ How is the power supply wired for the logic side versus the load side?
    • ⤷ Does this module support any communication protocols like Modbus or BACnet?