Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • TCS-NB-R/BL

  • AI
    Based on the technical designation, the **TCS-NB-R/BL** refers to a high-precision electronic industrial weighing scale or platform. The suffixes "R/BL" typically denote specific display and interface features: **R** for RS232 Communication and **BL** for Backlight. Below is an explanation of the core electronic components and their functions. --- ### 1. Primary Electronic Components | Component | Description | Function | | :--- | :--- | :--- | | **Load Cell** | High-precision strain gauge sensor | Converts physical weight/pressure into an analog electrical signal. | | **A/D Converter** | Analog-to-Digital Integrated Circuit | Translates the micro-volt signals from the load cell into digital data for the CPU. | | **Microcontroller (MCU)** | The "Brain" of the scale | Processes digital data, manages calibration, and controls the display output. | | **RS232 Module (R)** | Serial Communication Port | Allows the scale to transmit weight data to a PC, PLC, or external printer. | | **LCD/LED with BL** | Backlit Display (BL) | Provides visual feedback; the backlight ensures readability in low-light environments. | --- ### 2. Technical Specifications (Electronic) * **Power Supply:** Dual-mode operation. Usually includes a **6V/4Ah rechargeable Lead-Acid battery** and a **9V or 12V DC Adapter**. * **Signal Processing:** Uses high-resolution Delta-Sigma ($\Delta\Sigma$) conversion. * **Excitation Voltage:** Typically 5V DC supplied to the load cell. * **Communication Protocol:** Standard N.8.1 Baud rate (usually 9600) via the RS232 port. --- ### 3. Electronic Features & Logic 1. **Zero Tracking:** An electronic circuit logic that automatically compensates for small drifts caused by temperature or dust on the platform. 2. **Tare Function:** A subtractive electronic process where the MCU resets the current weight value to zero to account for containers. 3. **Low Battery Protection:** An integrated voltage divider circuit that monitors the battery level and triggers an "LOB" (Low Battery) signal to prevent data corruption. 4. **Backlight Control (BL):** Often programmable to be "Always On," "Always Off," or "Auto" (turns on only when weight changes). --- ### 4. Wiring and Connectivity The electronic assembly is generally housed in an ABS indicator head. The internal wiring follows this standard: * **Red/Black:** Power Input (Excitation + / -). * **Green/White:** Signal Output (Signal + / -). * **DB9 Connector:** The physical interface for the **R (RS232)** functionality.
    ✨ Follow-up Questions
    • ⤷ How do I calibrate the TCS-NB series using the indicator keypad?
    • ⤷ What are the pinout configurations for the RS232 (R) port?
    • ⤷ How can I replace the internal battery if it stops holding a charge?