AI

The **TFV3P110C-R100** is a high-performance **Thin Film Chip Resistor** part of the TFV series. This component is specifically designed for high-precision and high-reliability applications, often utilized in automotive, medical, and industrial electronics.
### Component Overview
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Often associated with Susumu or similar precision manufacturers |
| **Type** | Thin Film Chip Resistor |
| **Resistance Value** | 100 mΩ (0.1 Ω) |
| **Tolerance** | ±0.25% to ±1% (Series dependent, usually high precision) |
| **Package Size** | 0603 or 1206 (Dependent on specific casing code) |
| **Mounting Type** | Surface Mount (SMD) |
---
### Key Technical Attributes
#### 1. Thin Film Technology
Unlike standard thick film resistors, thin film resistors are created by sputtering a thin layer of resistive material onto a ceramic substrate. This results in:
* **Low Noise:** Excellent for signal processing.
* **High Stability:** Minimal change in resistance over time and temperature.
* **Tight Tolerances:** Essential for precision circuits.
#### 2. Resistance Value (R100)
The suffix **R100** denotes a resistance of **0.1 Ohms**.
* In SMD marking codes, "R" acts as the decimal point.
* This low resistance value suggests the part is frequently used for **current sensing** (Shunt resistor) applications.
#### 3. Power Rating and Thermal Performance
The "3P" or "110C" segments of the part number typically refer to the power dissipation capabilities and the rated terminal temperature. These components are designed to withstand high thermal stress, often rated for operation up to **+155°C**, with full power maintained up to **110°C**.
---
### Common Applications
1. **Current Sensing:** Because of the low 0.1Ω value, it is ideal for monitoring current flow in power management modules or battery charging circuits.
2. **Automotive Electronics:** Used in engine control units (ECUs) and transmission controllers due to high reliability and heat resistance.
3. **Industrial Instrumentation:** Found in high-accuracy measurement equipment where drift must be minimized.
4. **Telecommunications:** Used in base stations for stable signal amplification and power monitoring.
---
### Typical Circuit Integration Example
When used as a current shunt, the resistor is placed in series with the load. The voltage drop across the resistor is measured to determine the current:
`V = I × R`
*If the voltage drop ($V$) is 10mV and the resistor ($R$) is 0.1Ω, the current ($I$) is 100mA.*
- ⤷What is the power rating (Watts) for the TFV3P series?
- ⤷ What are the specific dimensions for this component's package?
- ⤷ How does thin film technology compare to thick film in terms of TCR?