Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • TIP160

  • AI
    The **TIP160** is a high-voltage NPN Power Darlington Transistor. It is specifically designed for high-speed switching applications and high-voltage power control. Because it is a **Darlington pair**, it consists of two transistors integrated into a single package, providing much higher current gain ($h_{FE}$) than a standard single transistor. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the TIP160: | Parameter | Symbol | Value | | :--- | :--- | :--- | | **Collector-Emitter Voltage** | $V_{CEO(sus)}$ | 400 V | | **Collector-Base Voltage** | $V_{CBO}$ | 600 V | | **Continuous Collector Current** | $I_C$ | 8 A | | **Peak Collector Current** | $I_{CM}$ | 15 A | | **Total Power Dissipation ($T_C = 25^\circ C$)** | $P_D$ | 125 W | | **DC Current Gain** | $h_{FE}$ | 200 (Min) @ $I_C = 5A$ | | **Package Type** | - | TO-218 / TO-247 | --- ### 2. Internal Structure and Features The TIP160 utilizes a specific internal architecture to handle high-power loads: * **Integrated Darlington Configuration:** Two NPN transistors are cascaded to amplify current significantly. * **Built-in Base-Emitter Resistors:** These resistors help the transistor turn off faster by providing a path for stored charge to dissipate. * **Integrated Damper Diode:** Usually includes a monolithic freewheeling diode (collector-to-emitter) to protect against inductive spikes. --- ### 3. Pin Configuration When looking at the front of the **TO-218/TO-247** package (leads pointing down): 1. **Base (B):** The input signal that controls the transistor. 2. **Collector (C):** Connected to the high-voltage load (and the metal tab). 3. **Emitter (E):** Connected to the common ground or negative rail. --- ### 4. Common Applications Due to its high voltage rating and high gain, the TIP160 is commonly used in: * **Switching Regulators:** Power supply circuits requiring fast transitions. * **Motor Controllers:** Driving DC motors or stepper motors that require high current. * **Ignition Circuits:** High-voltage pulse generation for automotive or industrial firing. * **Solenoid/Relay Drivers:** Efficiently switching heavy inductive loads from low-power logic signals. --- ### 5. Implementation Example Here is a conceptual example of how to define a switching circuit using a TIP160 in a microcontroller environment (logic level conversion is required): ```markdown Circuit Flow: Microcontroller (5V) -> Base Resistor (e.g., 220 Ohm) -> TIP160 Base Load (High Voltage) -> TIP160 Collector Ground -> TIP160 Emitter ``` ---
    ✨ Follow-up Questions
    • What are the main differences between a TIP160 and a TIP120?
    • How do you calculate the required base resistor for a TIP160?
    • Does the TIP160 require a specific type of heatsink for 125W operation?