TL431-AB3-R
AI

### TL431-AB3-R: Electronic Overview
The **TL431-AB3-R** is a precision programmable shunt voltage reference. It acts essentially as a Zener diode with an adjustable breakdown voltage, controlled by an external resistor network. The suffix "AB3-R" typically denotes specific tolerance grades, package types (SOT-89), and tape-and-reel packaging.
---
### 1. Key Technical Specifications
The device is characterized by its stability and precision. Below are the standard parameters for the "A" grade variant:
| Parameter | Specification |
| :--- | :--- |
| **Reference Voltage ($V_{ref}$)** | 2.495 V (Typical) |
| **Output Voltage Range** | $V_{ref}$ to 36 V |
| **Tolerance** | ±1% (Grade A) |
| **Sink Current Capability** | 1.0 mA to 100 mA |
| **Dynamic Impedance** | 0.22 $\Omega$ (Typical) |
| **Operating Temperature** | -40°C to +125°C (Standard) |
| **Package Type** | SOT-89 (AB3 Designation) |
---
### 2. Pin Configuration
The TL431 in the SOT-89 package (AB3) follows a specific layout to handle heat dissipation and signal routing:
1. **REF (Reference):** The input pin that compares the voltage to the internal 2.495V bandgap reference.
2. **Cathode:** The "positive" terminal in a shunt configuration; it sinks current.
3. **Anode:** The "negative" terminal, usually connected to the common ground.
---
### 3. Functional Operation
The device operates based on a high-gain operational amplifier driving an NPN transistor.
* **Adjustment Logic:** If the voltage at the **REF** pin rises above 2.495V, the device increases current flow from Cathode to Anode.
* **Formula:** To set the output voltage ($V_{out}$), a voltage divider is placed across the Cathode, Ref, and Anode:
$$V_{out} = V_{ref} \times \left(1 + \frac{R1}{R2}\right) + I_{ref} \times R1$$
*(Note: $I_{ref}$ is usually small enough to be neglected in basic calculations.)*
---
### 4. Typical Applications
The TL431-AB3-R is a versatile component found in almost every modern power supply circuit:
* **Shunt Regulator:** Providing a stable voltage rail for low-current circuits.
* **Optocoupler Driver:** Used in the feedback loop of Switch Mode Power Supplies (SMPS) to provide isolated voltage regulation.
* **Voltage Monitoring:** Acting as a comparator to trigger an undervoltage or overvoltage alarm.
* **Constant Current Source:** When paired with a pass transistor.
---
### 5. Part Number Breakdown (UTC Standard)
* **TL431:** Base Part Number (Precision Reference).
* **A:** 1% Voltage Tolerance.
* **B3:** SOT-89 Package.
* **R:** Tape and Reel (Packaging method).
- ⤷
What is the minimum cathode current required for stable regulation in the TL431?
- ⤷ How do you calculate the resistor values for a 5V output using this device?
- ⤷ What are the stability concerns when adding a bypass capacitor to the Cathode pin?