TLL-RACE-061-G4
AI

Based on the product code **TLL-RACE-061-G4**, this refers to a high-performance **LED Driver** typically manufactured by **TCI (Talent Concept Italy)** or related lighting technology suppliers. This specific series is designed for professional architectural and retail lighting applications.
---
### 1. Key Technical Specifications
Below are the estimated electronic characteristics for the G4 (Generation 4) series of this driver:
| Feature | Specification |
| :--- | :--- |
| **Input Voltage** | 220-240V AC (50/60 Hz) |
| **Output Type** | Constant Current (CC) |
| **Max Power Output** | ~60W (indicated by "061") |
| **Control Interface** | Non-dimmable / Fixed Output (Standard G4) |
| **Efficiency** | >90% at full load |
| **Power Factor** | >0.95 |
| **IP Rating** | IP20 (Indoor use) |
---
### 2. Core Electronic Components
The internal architecture of the TLL-RACE series focuses on thermal management and power stability:
* **PFC Stage (Power Factor Correction):** Uses active circuitry to ensure high efficiency and minimal harmonic distortion on the electrical grid.
* **Flyback Converter Topology:** Common in this wattage range to provide galvanic isolation between the mains and the LED load.
* **Output Filter:** High-quality electrolytic capacitors designed for low ripple current, which prevents "flicker" in the connected LED modules.
* **Safety Protections:**
* **Short Circuit Protection:** Automatic reset after the fault is removed.
* **Over-temperature Protection:** Progressive current reduction if the internal temperature exceeds safety thresholds.
* **Overload Protection:** Prevents damage if a higher wattage LED is connected.
---
### 3. Connection and Installation
The G4 series usually features "push-in" or screw-type terminals for easy wiring.
```cpp
// Schematic Logic Flow
[AC Input 230V] --> [EMI Filter] --> [PFC Controller] --> [Isolation Transformer] --> [DC Output]
```
---
### 4. Comparison with Previous Generations
The **G4 (Generation 4)** improves upon previous versions in the following ways:
1. **Standby Power:** Reduced "No-load" power consumption to meet stricter Eco-design regulations.
2. **Compact Size:** Higher power density allows for a smaller housing.
3. **Inrush Current:** Optimized to allow more drivers to be connected to a single Type-B or Type-C circuit breaker.
- ⤷
What are the specific output current settings for the TLL-RACE-061-G4?
- ⤷ Is this driver compatible with DALI or 0-10V dimming systems?
- ⤷ What is the maximum operating ambient temperature for this unit?