Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • TLV2711CDBVR

  • AI
    The **TLV2711CDBVR** is a high-performance, low-voltage operational amplifier (Op-Amp) manufactured by Texas Instruments. It is primarily known for its **Rail-to-Rail Output** capabilities and extremely low power consumption. Below is a detailed breakdown of its electronic parts, specifications, and architecture. --- ## 1. General Specifications The TLV2711 is part of the LinCMOS™ family, designed to provide high performance at low power supply voltages. | Parameter | Specification | | :--- | :--- | | **Supply Voltage ($V_{CC}$)** | 2.7 V to 10 V | | **Quiescent Current** | 11 $\mu$A (Typical) | | **Output Type** | Rail-to-Rail | | **Gain Bandwidth Product** | 65 kHz | | **Slew Rate** | 0.025 V/$\mu$s | | **Package Type** | SOT-23-5 (CDBV) | | **Operating Temperature** | 0°C to 70°C (Commercial Grade) | --- ## 2. Pin Configuration (SOT-23-5) The **CDBVR** suffix refers specifically to the SOT-23 small-outline transistor package (5 pins) provided in large tape and reel format. | Pin Number | Signal Name | Description | | :--- | :--- | :--- | | 1 | **IN+** | Non-inverting input | | 2 | **GND** | Ground (or negative supply $V_{CC-}$) | | 3 | **IN-** | Inverting input | | 4 | **OUT** | Amplifier output | | 5 | **VDD** | Positive supply voltage ($V_{CC+}$) | --- ## 3. Key Electronic Characteristics ### A. Rail-to-Rail Output Unlike standard Op-Amps where the output voltage is limited to 1–2V below the supply rails, the TLV2711 can swing its output almost to the full range of the supply voltage ($V_{DD}$ and $GND$). This is critical for 3.3V or 5V systems to maintain maximum dynamic range. ### B. CMOS Technology (LinCMOS™) The device uses Silicon-Gate CMOS technology. This provides two major advantages: 1. **Extremely High Input Impedance:** Input bias currents are in the pico-ampere (pA) range, meaning it draws almost no current from the source. 2. **Low Power:** It consumes only 11 $\mu$A per channel, making it ideal for battery-powered sensor nodes. ### C. Low Voltage Operation While many Op-Amps require ±15V or at least 5V, the TLV2711 is optimized for a single-supply voltage as low as **2.7V**, matching the discharge cycle of many Lithium-ion or Alkaline battery setups. --- ## 4. Typical Applications Because of its low speed (65 kHz bandwidth) but high efficiency, it is used in: * **Battery-powered instrumentation:** Handheld multimeters or gas sensors. * **Active Filters:** Low-frequency signal conditioning. * **Buffer Amplifiers:** To prevent loading on high-impedance sensors. * **Current Sensing:** Monitoring power consumption in portable devices. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the TLV2711 and the TLV271 (non-CMOS version)?
    • ⤷ How does the 'CDBVR' suffix impact the ordering and physical PCB footprint?
    • ⤷ Can this Op-Amp be used with a split/dual power supply (e.g.
    • ⤷ +/- 5V)?