Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • TM5SDO2R

  • AI
    ## Overview of TM5SDO2R The **TM5SDO2R** is a digital output module belonging to the **Modicon TM5** IP20 expansion system, primarily used with Schneider Electric’s Modicon M258 and LMC058 controllers. It is a discrete output module featuring **2 relay outputs**. --- ### Key Technical Specifications | Feature | Specification | | :--- | :--- | | **Output Type** | Relay (Normally Open) | | **Number of Channels** | 2 | | **Rated Supply Voltage** | 24 V DC | | **Voltage Limits** | 230 V AC / 30 V DC | | **Maximum Current** | 2 A per channel (5 A total for the module) | | **Isolation** | 500 Vrms between output and internal logic | | **Mechanical Durability** | ~20,000,000 cycles | | **Response Time** | < 10 ms (make/break) | --- ### Electronic Components & Architecture The module is composed of three distinct functional layers: 1. **Bus Base:** This acts as the backplane connector, passing data and power (TM5 bus) to subsequent modules. 2. **Electronic Module:** Contains the logic circuitry, status LEDs, and the physical relay components. 3. **Terminal Block:** The removable interface where the field wiring (actuators) is connected. #### 1. Internal Logic & Optical Isolation To protect the sensitive PLC CPU from voltage spikes on the load side, the internal logic is **optically isolated** from the relay coils. This prevents electromagnetic interference (EMI) from traveling back through the communication bus. #### 2. Relay Characteristics Unlike transistor modules (which use semi-conductors like MOSFETs), the TM5SDO2R uses **electromechanical relays**. * **Pros:** Can switch both AC and DC loads; very low "on-state" resistance. * **Cons:** Limited switching frequency; finite mechanical lifespan due to contact wear. #### 3. Status Indicators (LEDs) The module features diagnostic LEDs on the front panel: * **Status LED (Green/Red):** Indicates the health of the module and communication with the controller. * **Output LEDs (Yellow):** Indicate the state (On/Off) of each of the two relay channels. --- ### Wiring and Connection Diagram The terminal block typically uses a push-in spring system. Below is a simplified representation of the wiring logic: | Terminal | Label | Description | | :--- | :--- | :--- | | 1 | Q0 | Output Channel 0 | | 2 | COM0 | Common for Channel 0 | | 3 | Q1 | Output Channel 1 | | 4 | COM1 | Common for Channel 1 | --- ### Usage Precautions * **Inductive Loads:** When switching motors or solenoids, it is highly recommended to use an external RC snubber (for AC) or a flyback diode (for DC) to protect the relay contacts from arcing. * **Fusing:** External 2A fuses should be used to protect the internal traces of the module from overcurrent conditions.
    ✨ Follow-up Questions
    • ⤷ What is the maximum switching frequency for the TM5SDO2R?
    • ⤷ How does this relay module differ from the TM5SDO2T transistor module?
    • ⤷ Can the two relay outputs be used with different voltage sources?