Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • TNETE2201

  • AI
    The **TNETE2201** is a specialized integrated circuit (IC) primarily designed by Texas Instruments. It belongs to the **ThunderLAN** family of PCI Ethernet controllers. Below is a detailed technical breakdown of its electronic components and functions. --- ### 1. General Overview The TNETE2201 acts as a single-chip solution for interfacing a local bus (PCI) with a network environment (Ethernet). It integrates the Media Access Control (MAC) layer and provides an interface for the Physical Layer (PHY). ### 2. Key Internal Components | Component | Description | | :--- | :--- | | **PCI Bus Interface** | Supports a 32-bit, 33 MHz PCI local bus. It handles bus mastering and DMA (Direct Memory Access) transfers. | | **Media Access Control (MAC)** | Implements the IEEE 802.3 standard. It handles framing, error detection (CRC), and CSMA/CD protocols. | | **Internal FIFO Buffers** | On-chip memory used to buffer transmit and receive data to prevent "under-run" or "over-run" during high network traffic. | | **MII Interface** | The Media Independent Interface allows the chip to connect to various external PHY transceivers (10Mbps or 100Mbps). | | **EEPROM Interface** | A serial interface (usually I2C or Microwire) used to read configuration data and the unique MAC address at startup. | ### 3. Technical Specifications The electrical characteristics are critical for hardware design and PCB integration: * **Supply Voltage:** Typically operates at **5.0V** (standard for older PCI logic) or **3.3V** depending on the specific revision/package. * **Package Type:** Usually found in a **PQFP** (Plastic Quad Flat Pack) with 144 or 160 pins. * **Data Rate:** Supports 10/100 Mbps (Fast Ethernet) operations. * **Architecture:** Optimized for low CPU utilization by using advanced scatter-gather DMA engines. ### 4. Typical Application Circuit When designing with the TNETE2201, the following peripheral electronic parts are required: 1. **Crystal Oscillator:** Usually a **25.000 MHz** crystal to provide the base clock for Ethernet timing. 2. **External PHY:** While it has MAC logic, it often requires an external Physical Layer chip (like the TNETE100) to handle the electrical signaling over copper wires. 3. **Isolation Transformer (Magnetics):** Required to isolate the electronics from the RJ45 port to protect against surges. 4. **Decoupling Capacitors:** Standard 0.1µF and 10µF capacitors placed near power pins to filter high-frequency noise. --- ### 5. Programming and Driver Support From a software perspective, the electronic registers of the TNETE2201 are mapped into the system's I/O or Memory space. Drivers interact with these registers to: * Initialize the link. * Set the Multicast hash table. * Trigger DMA transfers. ```c // Example: Conceptual Register Access for TNETE2201 #define TNETE_COMMAND_REG 0x00 #define TNETE_INT_MASK 0x04 void initialize_device(uint32_t base_addr) { // Enable Interrupts and Start Transmitter outl(base_addr + TNETE_INT_MASK, 0xFFFFFFFF); outl(base_addr + TNETE_COMMAND_REG, START_TX | START_RX); } ```
    ✨ Follow-up Questions
    • ⤷ What are the pinout differences between the TNETE2201 and newer PCI-E controllers?
    • ⤷ Does the TNETE2201 support Full-Duplex mode at 100Mbps?
    • ⤷ What are the recommended external PHY chips to use with this controller?