Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • TR-1-R

  • AI
    The **TR-1-R** typically refers to a high-voltage, fast-recovery rectifier diode commonly used in microwave oven circuits and specialized high-voltage power supplies. It belongs to a class of components designed to handle high peak inverse voltages (PIV). --- ### Technical Specifications Below are the typical electronic characteristics for a TR-1-R high-voltage diode: | Parameter | Value (Typical) | | :--- | :--- | | **Component Type** | High-Voltage Rectifier Diode | | **Repetitive Peak Reverse Voltage ($V_{RRM}$)** | 8,000V - 12,000V (8kV - 12kV) | | **Average Forward Current ($I_{F(AV)}$)** | 350mA - 500mA | | **Forward Voltage Drop ($V_{F}$)** | ~10V - 14V | | **Reverse Recovery Time ($t_{rr}$)** | Fast Recovery (approx. 100ns) | | **Operating Temperature** | -40°C to +130°C | --- ### Key Electronic Functions 1. **Rectification:** Its primary role is to convert AC voltage from the high-voltage transformer into DC voltage to power the magnetron. 2. **Voltage Doubling:** In microwave circuits, the TR-1-R works in tandem with a high-voltage capacitor to double the output voltage (reaching upwards of 4,000V DC). 3. **Circuit Protection:** It prevents the high-voltage capacitor from discharging back through the transformer during the negative half-cycle. ### Internal Composition Unlike standard signal diodes (like the 1N4148), the TR-1-R is not a single PN junction. Because it must withstand 8kV+, it consists of a **series string of multiple silicon diode pellets** encapsulated in a single resin body. This is why the "Forward Voltage Drop" is so high (10V+) compared to the 0.7V of a standard diode. ### Testing Procedures Standard multimeters cannot test a TR-1-R using the "Diode Test" mode because the meter’s battery (usually 3V or 9V) is insufficient to overcome the 10V+ forward threshold. ```python # Logic for testing a TR-1-R diode: If Meter_Voltage < Diode_Forward_Voltage: Result = "Shows 'Open' in both directions (even if good)" Else: Result = "Shows continuity in one direction" ``` *To test correctly, you must use a 12V-24V DC power source in series with a resistor and measure the voltage drop.* ---
    ✨ Follow-up Questions
    • ⤷ How do I safely test a TR-1-R diode using a 12V battery?
    • ⤷ What are the common failure symptoms of this diode in a microwave?
    • ⤷ Can a TR-1-R be replaced with a CL01-12 high-voltage diode?