TS391CG-AF5-R
AI

The **TS391CG-AF5-R** is a low-power, single voltage comparator designed for efficiency and versatility in space-constrained applications. It is commonly produced by manufacturers like **UTC (Unisonic Technologies)**.
---
### ## 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Type** | Low Power Single Voltage Comparator |
| **Supply Voltage Range** | 2V to 36V (Single) / ±1V to ±18V (Split) |
| **Current Consumption** | ~0.8mA (Low Power) |
| **Output Type** | Open Collector |
| **Package Type** | SOT-25 / SOT-23-5 |
| **Operating Temperature** | -40°C to +85°C |
---
### ## 2. Pin Configuration (SOT-25/AF5)
The "AF5" suffix typically indicates the SOT-25 package. Below is the standard pinout for this part:
1. **OUT**: Output (Open Collector)
2. **VCC+**: Positive Power Supply
3. **VCC-**: Ground / Negative Power Supply
4. **IN-**: Inverting Input
5. **IN+**: Non-Inverting Input
---
### ## 3. Core Features and Functionality
* **Wide Supply Range:** It can operate from a single lithium battery (3V) up to industrial 24V/36V rails.
* **Open Collector Output:** This requires an external **pull-up resistor**. This feature allows the output to interface with different logic levels (e.g., the comparator runs on 12V, but the output pulls up to 3.3V for a microcontroller).
* **Low Input Bias Current:** Minimizes errors when using high-impedance source signals.
* **Common-Mode Input Range:** Includes ground, which is essential for single-supply applications.
---
### ## 4. Common Applications
The TS391 is frequently used in the following circuits:
* **Limit Comparators:** Checking if a voltage is above or below a threshold.
* **Zero-Crossing Detectors:** Identifying when an AC signal crosses 0V.
* **Pulse Generators:** Converting sine waves into square waves.
* **Battery Monitors:** Triggering an LED or alarm when battery voltage drops.
---
### ## 5. Circuit Design Tip: The Pull-Up Resistor
Because the output is an **Open Collector**, the device can only "sink" current to ground. It cannot "push" voltage out. To get a "High" signal, you must connect a resistor from the `OUT` pin to your desired logic voltage ($V_{pull-up}$).
```c
// Simple logic representation
If (IN+ > IN-) {
Output = High-Impedance (Pulled up to VCC by resistor)
} Else {
Output = Ground (0V)
}
```
- ⤷
What is the maximum output sink current for the TS391CG-AF5-R?
- ⤷ How do I calculate the value for the required pull-up resistor?
- ⤷ Can this part be used as a direct replacement for the LM393?