AI

The **TSKC-3SLN-R** is a specific electronic component, typically categorized as a **Tactile Switch** or a **Micro Switch**. These components are fundamental in human-machine interface (HMI) design, providing physical feedback when a circuit is closed.
Below is a detailed breakdown of its electronic and physical specifications.
---
## 1. Component Overview
The TSKC-3SLN-R is a surface-mount (SMD) tactile switch. It is designed for low-power signal switching in compact electronic devices.
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | Tactile Switch (Momentary) |
| **Mounting Type** | Surface Mount Technology (SMT/SMD) |
| **Circuit Configuration** | SPST (Single Pole Single Throw) |
| **Actuator Style** | Standard Round Button / Stem |
| **Contact Material** | Usually Silver-plated or Gold-flashed Copper Alloy |
---
## 2. Technical Specifications
Understanding the electrical limits is crucial to ensure the part does not burn out during operation.
### Electrical Characteristics
* **Current Rating:** Typically **50mA**.
* **Voltage Rating:** Usually **12V DC**.
* **Contact Resistance:** $\leq 100m\Omega$ (Initial).
* **Insulation Resistance:** $\geq 100M\Omega$ at 100V DC.
* **Dielectric Strength:** 250V AC for 1 minute.
### Mechanical & Environmental
* **Operating Force:** Generally ranges from **160gf to 250gf** (grams-force).
* **Travel Distance:** Short stroke, typically **0.25mm**.
* **Operating Life:** Rated for **50,000 to 100,000 cycles** depending on the specific sub-series.
* **Temperature Range:** -25°C to +70°C.
---
## 3. Physical Footprint and Design
The "3SLN" designation often refers to the specific height and terminal layout of the switch.
### Key Physical Features:
1. **Low Profile:** Designed for slim consumer electronics like remote controls, medical instruments, and wearables.
2. **Lead Style:** Gull-wing or J-bend leads for automated SMT pick-and-place assembly.
3. **R-Suffix:** Usually denotes **Tape & Reel** packaging, indicating the part is intended for high-speed automated assembly lines.
---
## 4. Common Applications
Due to its small form factor and reliable tactile "click" feedback, this part is found in:
* **Consumer Electronics:** Handheld gaming devices, MP3 players, and smart home controllers.
* **Computing:** Mouse buttons, reset switches on PCBs, and laptop peripherals.
* **Industrial:** Interface buttons on control panels and sensor reset triggers.
---
- ⤷
What is the exact footprint dimensions for the TSKC-3SLN-R in millimeters?
- ⤷ Does this switch offer IP67 water resistance rating?
- ⤷ What are the recommended soldering temperature profiles for this SMD part?