AI

The **TSKD-2JLE-R** is a specific model of a **Tactile Switch** (also known as a momentary push-button switch). These components are widely used in consumer electronics, automotive interfaces, and industrial controls to provide a physical "click" sensation and complete an electrical circuit when pressed.
---
### 1. Technical Specifications
Below is a breakdown of the typical technical parameters for this part:
| Parameter | Specification |
|:---|:---|
| **Switch Type** | Tactile / Momentary |
| **Mounting Type** | Surface Mount (SMD / SMT) |
| **Circuit** | SPST-NO (Single Pole Single Throw - Normally Open) |
| **Actuation Force** | Typically 160gf to 250gf (varies by sub-series) |
| **Dimensions** | Standard compact footprint (e.g., 3.5mm x 2.9mm or similar) |
| **Termination Style** | J-Bend or Gull-wing Leads |
| **RoHS Status** | Compliant (Lead-free) |
---
### 2. Key Electronic Features
* **Momentary Action:** The switch only remains closed (ON) while it is being physically depressed. Once released, the internal spring mechanism returns the contact to the open (OFF) position.
* **Tactile Feedback:** The "TS" in the prefix usually denotes "Tactile," meaning the user feels a sharp mechanical resistance (the "click") confirming the switch has been triggered.
* **Low Power Rating:** These switches are designed for logic-level signals (low voltage/current). They are not intended to switch power loads directly but rather to send signals to a Microcontroller (MCU).
* **SMD Design:** The "JLE" suffix often refers to the lead configuration (J-Leads), which are designed to be soldered directly onto the surface of a PCB, saving space compared to through-hole components.
---
### 3. Common Applications
Due to its small form factor and reliability, the TSKD series is frequently found in:
1. **Wearable Electronics:** Smartwatches and fitness trackers.
2. **Portable Devices:** Handheld gaming consoles, remote controls, and digital cameras.
3. **Medical Equipment:** Control panels for portable diagnostic tools.
4. **Automotive:** Steering wheel buttons or dashboard controls.
---
### 4. Circuit Diagram Representation
In a standard electronic schematic, the TSKD-2JLE-R is represented as follows:
```text
[Push Button]
Pin 1 ----/ ---- Pin 2
|
(Normally Open)
```
When the button is pressed, the bridge closes, allowing current to flow from Pin 1 to Pin 2, pulling a microcontroller pin to either Ground or VCC (depending on your pull-up/pull-down resistor configuration).
- ⤷
What is the maximum current rating for the TSKD-2JLE-R?
- ⤷ How does a J-Lead mounting differ from a Gull-wing mounting for this part?
- ⤷ What is the expected mechanical life cycle (number of presses) for this switch?