Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • TSKD-3SLN-R

  • AI
    ### Technical Overview of TSKD-3SLN-R The **TSKD-3SLN-R** is a specific electronic component typically identified as a **tactile switch** (or tact switch). These are momentary push-button switches commonly used in low-voltage, low-current signal circuits to provide user input. --- ### 1. Key Technical Specifications Based on standard industry nomenclature for this series, here are the electronic characteristics: | Feature | Specification | | :--- | :--- | | **Switch Type** | Tactile (Momentary) | | **Contact Arrangement** | SPST (Single Pole Single Throw) | | **Rated Voltage** | DC 12V (Typical) | | **Rated Current** | 50mA | | **Contact Resistance** | ≤ 100mΩ | | **Insulation Resistance** | ≥ 100MΩ (100V DC) | | **Operating Force** | ~160gf to 250gf (depending on specific sub-variant) | | **Mounting Type** | SMT/SMD (Surface Mount Technology) | --- ### 2. Physical Design & Construction The "3SLN" designation usually refers to the physical footprint and the stem/actuator design. * **Miniature Footprint:** These switches are designed for compact PCBs (Printed Circuit Boards). * **Sealed Construction:** The "R" in the suffix often denotes that the part is supplied on **Tape & Reel** for automated pick-and-place assembly. * **Actuator:** Features a low-profile actuator, suitable for interfaces where space is constrained (e.g., remote controls, handheld devices). --- ### 3. Pinout and Circuit Diagram The TSKD-3SLN-R is a normally open (NO) switch. When the button is pressed, the internal metal dome collapses, completing the circuit between the terminals. ```text Terminals 1 & 2 (Internally Connected) | +-----o-----+ | | | [ ] | <--- Actuator | | +-----o-----+ | Terminals 3 & 4 (Internally Connected) ``` --- ### 4. Common Applications * **Consumer Electronics:** Volume buttons on smartphones, power buttons on cameras. * **Computing:** Mouse buttons or reset switches on motherboards. * **Industrial:** Input panels for machinery and embedded systems.
    ✨ Follow-up Questions
    • ⤷ What is the exact footprint dimensions for the TSKD-3SLN-R?
    • ⤷ What is the mechanical life expectancy (number of cycles) for this switch?
    • ⤷ Are there through-hole equivalents for this SMT switch?