TSOP141..
AI

The **TSOP141** belongs to a widely used family of IR (Infrared) receiver modules designed specifically for remote control systems. These modules integrate a PIN diode, a preamplifier, and a band-pass filter into a single package.
---
### ## 1. Key Specifications
The following table highlights the technical characteristics of the TSOP141:
| Parameter | Value |
| :--- | :--- |
| **Supply Voltage (Vcc)** | 2.5V to 5.5V |
| **Carrier Frequency** | 30 kHz to 56 kHz (model dependent) |
| **Supply Current** | 0.7 mA (typ.) |
| **Transmission Distance** | Up to 45 meters |
| **Directivity** | Angle of half sensitivity: ± 45° |
| **Output Type** | Active Low (Logic 0 when signal detected) |
---
### ## 2. Internal Block Diagram
The TSOP141 is not just a sensor; it is an Integrated Circuit (IC). Internally, it consists of:
1. **PIN Diode:** Converts incoming IR light into an electrical signal.
2. **Preamplifier:** Boosts the weak signal from the diode.
3. **Automatic Gain Control (AGC):** Adjusts sensitivity to suppress noise from ambient light.
4. **Band-pass Filter:** Only allows a specific frequency (e.g., 38kHz) to pass, blocking sunlight and DC light.
5. **Demodulator:** Removes the carrier wave to output the original data pulses.
---
### ## 3. Pin Configuration
The device typically uses a 3-pin lead frame:
| Pin Number | Name | Function |
| :--- | :--- | :--- |
| **1** | **OUT** | Data output; connects to Microcontroller (MCU). |
| **2** | **GND** | Ground connection. |
| **3** | **Vs** | Supply voltage (2.5V - 5.5V). |
---
### ## 4. Connection Example
To ensure stable operation, a simple RC filter is recommended at the supply pin to prevent power supply ripples from causing false triggers.
```cpp
// Schematic Concept:
// [Vcc] --- [Resistor 100 Ohm] ---+--- [Pin 3: Vs]
// |
// [Capacitor 4.7uF]
// |
// [GND] --------------------------+--- [Pin 2: GND]
//
// [Pin 1: OUT] ----------------------- [MCU Input Pin]
```
---
### ## 5. Features and Benefits
* **Immunity to Light Noise:** Highly resistant to ambient light from fluorescent lamps or sunlight.
* **Low Power Consumption:** Ideal for battery-operated devices.
* **TTL/CMOS Compatibility:** The output can be directly connected to an Arduino, ESP32, or PIC microcontroller without additional level shifting.
- ⤷
What are the differences between the TSOP1738 and the TSOP141?
- ⤷ How do I choose the correct carrier frequency for my IR receiver?
- ⤷ Can the TSOP141 be used for high-speed data transmission?