Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • TSOP143..

  • AI
    ## Overview of the TSOP1838 (Commonly referred to as TSOP series) The **TSOP1838** (and the related 17xx, 18xx, and 48xx series) is a miniaturized Receiver for infrared remote control systems. It integrates a PIN diode and a preamplifier on a single lead frame, while the epoxy package acts as an IR filter. ### 1. Internal Components To understand the electronic parts of a TSOP sensor, we must look at its internal block diagram: | Component | Function | | :--- | :--- | | **PIN Photodiode** | Converts incoming Infrared light into a tiny electrical current. | | **Preamplifier** | Amplifies the weak signal from the photodiode. | | **Automatic Gain Control (AGC)** | Adjusts sensitivity to prevent saturation from ambient light or noise. | | **Band Pass Filter** | Filters out all frequencies except the carrier frequency (e.g., 38kHz). | | **Demodulator** | Strips away the carrier frequency to leave only the raw data signal. | --- ### 2. Pin Configuration The TSOP series typically features three pins. Below is the standard layout for the TSOP1838/TSOP4838: | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **OUT** | Data Output (Active Low) | | 2 | **GND** | Ground (0V) | | 3 | **Vs** | Supply Voltage (Typically 2.7V - 5.5V) | --- ### 3. Key Specifications These parts are designed for low power consumption and high noise immunity. * **Carrier Frequency:** Usually 38 kHz (most common), but versions exist for 30, 33, 36, 40, and 56 kHz. * **Supply Current:** ~0.7 mA to 1.5 mA. * **Transmission Distance:** Up to 45 meters (depending on the transmitter). * **Output Logic:** **Active Low.** When an IR signal is detected, the OUT pin goes to 0V; otherwise, it stays at Vcc. --- ### 4. Typical Application Circuit To use a TSOP sensor reliably, a simple RC filter is recommended to suppress power supply noise. ```cpp // Schematic Representation (Vcc) ---- [ 100 Ohm Resistor ] ----+---- (Pin 3: Vs) | [ 4.7uF Capacitor ] | (GND) ------------------------------+---- (Pin 2: GND) (Microcontroller Input) ----------------- (Pin 1: OUT) ``` ### 5. Common Electronic Parts in the TSOP Family If you are looking for specific variations of these IR receivers, they are categorized by their "Series" which dictates their robustness against noise: 1. **TSOP48xx:** Standard performance, good for general DIY. 2. **TSOP22xx:** Optimized for long bursts/continuous data. 3. **TSOP34xx:** High immunity against ambient light (CFLs and sunlight).
    ✨ Follow-up Questions
    • ⤷ What is the difference between 38kHz and 56kHz IR receivers?
    • ⤷ Can I use a TSOP receiver with an Arduino to decode TV remote signals?
    • ⤷ Why does the TSOP output stay HIGH when no signal is present?