U74LVC1G07G-AF5-R
AI

The **U74LVC1G07G-AF5-R** is a high-performance CMOS logic device. Specifically, it is a **single-gate buffer with an open-drain output**. It belongs to the Low-Voltage CMOS (LVC) family, which is designed for high-speed, low-voltage applications.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Logic Type** | Buffer / Driver (Non-Inverting) |
| **Output Type** | Open-Drain |
| **Number of Gates** | 1 |
| **Operating Voltage ($V_{CC}$)** | 1.65V to 5.5V |
| **Output Current ($I_{OL}$)** | 32mA (at 4.5V) |
| **Package Type** | SOT-25 / SOT-23-5 |
| **Operating Temperature** | -40°C to +85°C |
---
### 2. Functional Characteristics
#### Open-Drain Architecture
Unlike a standard push-pull output, an open-drain output can only pull the signal to **Low (Ground)**. To achieve a **High** state, an external pull-up resistor must be connected to the output pin. This allows for:
* **Voltage Level Shifting:** You can pull the output to a higher or lower voltage than the chip's $V_{CC}$ (up to 5.5V).
* **Wired-AND Logic:** Multiple open-drain outputs can be connected together on a single bus.
#### Ioff Protection
This device supports "Partial-Power-Down" mode. When the device is powered down ($V_{CC} = 0V$), the inputs and outputs are disabled, preventing current backflow that could damage the circuit.
---
### 3. Pin Configuration (SOT-25)
| Pin Number | Symbol | Description |
| :--- | :--- | :--- |
| 1 | NC | No Connection |
| 2 | A | Data Input |
| 3 | GND | Ground |
| 4 | Y | Data Output (Open-Drain) |
| 5 | $V_{CC}$ | Supply Voltage |
---
### 4. Typical Applications
* **LED Drivers:** Directly sinking current to drive small indicator LEDs.
* **Level Translation:** Converting a 1.8V logic signal to a 5V signal (using a 5V pull-up).
* **Bus Driving:** Used in $I^2C$ or other open-collector bus architectures.
* **Logic Buffering:** Providing high current drive capability for weak signals.
---
- ⤷What is the maximum pull-up voltage supported by the U74LVC1G07G output?
- ⤷ How does an open-drain buffer differ from a standard non-inverting buffer?
- ⤷ What is the recommended value for the external pull-up resistor in a 3.3V system?