U74LVC1G126L-AF5-R
AI

The **U74LVC1G126L-AF5-R** is a high-performance, low-voltage CMOS device. It functions as a **single bus buffer gate** with a 3-state output, commonly used in modern electronics for signal isolation and level shifting.
---
### ## 1. Key Technical Specifications
Below are the primary electrical and physical characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Logic Function** | Single Buffer/Line Driver (3-State) |
| **Operating Voltage ($V_{CC}$)** | 1.65V to 5.5V |
| **Output Current ($I_{OH}/I_{OL}$)** | ±24 mA (at 3.3V) |
| **Propagation Delay** | ~3.5 ns (at 3.3V) |
| **Package Type** | SOT-25 / SOT-23-5 (AF5) |
| **Input Type** | Over-voltage tolerant (up to 5.5V) |
| **Mounting Type** | Surface Mount (SMD/SMT) |
---
### ## 2. Logic Symbol and Functionality
The device features one independent buffer with a **High-level Output Enable (OE)**.
* **Active State:** When OE is **HIGH**, the output ($Y$) follows the input ($A$).
* **High-Impedance State:** When OE is **LOW**, the output enters a high-impedance state (Hi-Z), effectively disconnecting the line from the bus.
#### ### Truth Table
| Input (OE) | Input (A) | Output (Y) |
| :---: | :---: | :---: |
| H | H | H |
| H | L | L |
| L | X | Z (High Impedance) |
---
### ## 3. Part Number Breakdown
Understanding the suffix codes for UTC (Unisonic Technologies Co.):
* **U74LVC1G**: Part family (Low Voltage CMOS, Single Gate).
* **126**: Function code (Bus buffer with 3-state output, active high enable).
* **L**: Lead-free/Halogen-free plating.
* **AF5**: Package code for **SOT-25**.
* **R**: Packing style (**Tape & Reel**).
---
### ## 4. Common Applications
Due to its wide voltage range and 5V tolerance, this part is ideal for:
* **Signal Isolation:** Preventing noise or leakage between different circuit sections.
* **Voltage Translation:** Interfacing between different logic levels (e.g., 1.8V logic to 3.3V logic).
* **Bus Driving:** Strengthening weak signals to drive multiple loads on a data bus.
* **I/O Expansion:** Enabling or disabling specific lines in MCU-based designs.
---
- ⤷
What is the difference between the 1G126 and the 1G125 models?
- ⤷ Can the inputs be driven higher than the supply voltage (VCC)?
- ⤷ What is the maximum power dissipation for the SOT-25 package?