U74LVC1G17G-AF5-R
AI

The **U74LVC1G17G-AF5-R** is a high-performance, low-voltage CMOS device. Specifically, it is a **Single Schmitt-Trigger Buffer**. It is designed to transform slowly changing input signals into sharply defined, jitter-free output signals.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Function** | Single Schmitt-Trigger Buffer |
| **Logic Family** | LVC (Low Voltage CMOS) |
| **Operating Voltage ($V_{CC}$)** | 1.65V to 5.5V |
| **Output Current ($I_{OH}/I_{OL}$)** | ±24 mA (at 3.3V) |
| **Propagation Delay** | ~3.3 ns (at 3.3V) |
| **Package Type** | SOT-25 (AF5) |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Functional Description
The "Schmitt-Trigger" nature of this component means it has different input threshold levels for positive-going and negative-going signals (Hysteresis).
* **Noise Immunity:** It is excellent at filtering noise from input signals.
* **Signal Conditioning:** It can convert a slow-moving or "noisy" analog-like edge into a clean digital square wave.
* **Power Down Isolation:** The device supports $I_{OFF}$ circuitry, meaning it prevents damaging backflow current when the device is powered down ($V_{CC} = 0V$).
---
### 3. Pin Configuration (SOT-25)
| Pin Number | Symbol | Description |
| :--- | :--- | :--- |
| 1 | N.C. | No Connection |
| 2 | A | Data Input |
| 3 | GND | Ground |
| 4 | Y | Data Output |
| 5 | $V_{CC}$ | Supply Voltage |
---
### 4. Part Number Breakdown
The suffixing follows the standard UTC (Unisonic Technologies) naming convention:
* **U74LVC1G**: Part Family (Low Voltage CMOS, 1 Gate).
* **17**: Function (Schmitt-Trigger Buffer).
* **G**: Halogen-Free / Green Material.
* **AF5**: Package Code for SOT-25.
* **R**: Tape and Reel packaging.
---
### 5. Common Applications
* **Debouncing:** Cleaning up signals from mechanical switches.
* **Level Shifting:** Can be used to interface different voltage logic levels (e.g., 1.8V to 3.3V).
* **Pulse Shapers:** Restoring distorted signals in long transmission lines.
* **Clock Distribution:** Providing a clean clock edge to sensitive microcontrollers.
- ⤷
What is the difference between a standard buffer and a Schmitt-trigger buffer?
- ⤷ Can the U74LVC1G17 handle 5V input when powered at 3.3V?
- ⤷ What is the typical power consumption of this IC in standby mode?