U74LVC1G32G-AF5-R
AI

The **U74LVC1G32G-AF5-R** is a high-performance, low-voltage CMOS device. Specifically, it is a **2-input OR gate** manufactured by Unisonic Technologies (UTC). It is part of the "74LVC" logic family, which is designed for sub-5V applications with high speed and low power consumption.
---
### ## Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Logic Function** | 2-Input OR Gate |
| **Logic Family** | LVC (Low Voltage CMOS) |
| **Supply Voltage ($V_{CC}$)** | 1.65V to 5.5V |
| **Output Current ($I_{OH}/I_{OL}$)** | ±24 mA (at 3.0V) |
| **Propagation Delay** | ~3.1 ns (at 3.3V) |
| **Operating Temperature** | -40°C to +85°C |
| **Package Type** | SOT-25 / SOT-23-5 (AF5) |
---
### ### Pin Configuration (SOT-25)
The device features 5 pins, organized as follows:
1. **Pin 1 (A):** Data Input A
2. **Pin 2 (B):** Data Input B
3. **Pin 3 (GND):** Ground
4. **Pin 4 (Y):** Data Output
5. **Pin 5 ($V_{CC}$):** Supply Voltage
---
### ## Key Features
* **Broad Voltage Range:** Operates effectively from 1.65V to 5.5V, making it compatible with 1.8V, 2.5V, 3.3V, and 5V systems.
* **$I_{off}$ Circuitry:** Supports partial power-down mode. When the device is powered down, the outputs are disabled, preventing damaging backflow current into the device.
* **High Drive Capability:** The ±24mA output current allows the chip to drive relatively heavy loads or multiple logic inputs.
* **Small Footprint:** The SOT-25 package (AF5 suffix) is ideal for space-constrained applications like smartphones or wearable tech.
---
### ## Logic Table
The OR gate output (Y) is **HIGH** if at least one input (A or B) is **HIGH**.
| Input A | Input B | Output Y |
| :---: | :---: | :---: |
| L | L | **L** |
| L | H | **H** |
| H | L | **H** |
| H | H | **H** |
---
### ## Part Number Breakdown
* **U74LVC:** UTC Low Voltage CMOS series.
* **1G32:** "1G" denotes a single gate; "32" identifies it as an **OR** gate.
* **G:** Halogen-free and RoHS compliant.
* **AF5:** Package code for SOT-25.
* **R:** Tape & Reel packaging.
- ⤷
What is the main difference between LVC and standard HC logic families?
- ⤷ Can the inputs of this device handle 5V even if VCC is at 3.3V?
- ⤷ What are the typical applications for a single-gate logic IC?