U74LVC1G34G-AF5-R
AI

## Analysis of U74LVC1G34G-AF5-R
The **U74LVC1G34G-AF5-R** is a specific electronic component manufactured by **UTC (Unisonic Technologies Co., Ltd)**. It is a single-gate logic buffer designed for low-voltage operations.
---
### 1. General Specifications
This device belongs to the **LVC (Low Voltage CMOS)** family, which is widely used in modern electronics for level shifting and signal buffering.
| Parameter | Specification |
| :--- | :--- |
| **Logic Function** | Single Buffer (Non-Inverting) |
| **Logic Family** | LVC (Low Voltage CMOS) |
| **Number of Channels** | 1 |
| **Operating Voltage ($V_{CC}$)** | 1.65V to 5.5V |
| **Output Current ($I_{OH}/I_{OL}$)** | ±24mA at 3.0V |
| **Package Type** | SOT-25 / SOT-23-5 (AF5) |
| **Operating Temperature** | -40°C to +85°C |
---
### 2. Part Number Breakdown
Understanding the suffix codes helps identify the packaging and material:
* **U74LVC1G34**: The core device name (Single Buffer Gate).
* **G**: Denotes "Halogen Free" and "RoHS Compliant".
* **AF5**: Refers to the **SOT-25** (also known as SOT-23-5) package.
* **R**: Indicates **Tape & Reel** packaging for automated assembly.
---
### 3. Pin Configuration (SOT-25)
The device typically follows the standard single-gate pinout:
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| 1 | NC | No Internal Connection |
| 2 | A | Data Input |
| 3 | GND | Ground |
| 4 | Y | Data Output |
| 5 | $V_{CC}$ | Supply Voltage |
---
### 4. Key Features & Applications
#### Features:
* **Wide Supply Range:** Supports legacy 5V systems and modern 1.8V/2.5V/3.3V systems.
* **$I_{OFF}$ Circuitry:** Supports partial-power-down mode operation. It prevents damaging backflow current when the device is powered down.
* **Overvoltage Tolerant:** Inputs can handle up to 5.5V regardless of the supply voltage ($V_{CC}$), making it an excellent **level shifter**.
#### Applications:
1. **Signal Isolation:** Isolating sensitive MCU pins from external loads.
2. **Driving High Loads:** Providing extra current to drive LEDs or long PCB traces.
3. **Voltage Level Translation:** Translating a 5V signal down to 3.3V logic.
---
### 5. Truth Table
The U74LVC1G34 is a non-inverting buffer. The output state simply follows the input state.
| Input (A) | Output (Y) |
| :---: | :---: |
| L | L |
| H | H |
---
- ⤷
What is the maximum propagation delay for this device at 3.3V?
- ⤷ Can this part be used to convert 3.3V logic to 5V logic?
- ⤷ What are the equivalent alternative part numbers from TI or Nexperia?