U74LVC1G34L-AF5-R
AI

## U74LVC1G34L-AF5-R: Technical Overview
The **U74LVC1G34L-AF5-R** is a single-gate non-inverting buffer designed for low-voltage applications. It is part of the LVC (Low-voltage CMOS) family, widely used in modern electronics for signal buffering and level shifting.
### 1. Key Specifications
Below is a breakdown of the primary electrical characteristics:
| Parameter | Specification |
| :--- | :--- |
| **Function** | Single Buffer (Non-Inverting) |
| **Supply Voltage (Vcc)** | 1.65V to 5.5V |
| **Output Current (Ioh/Iol)** | ±24mA (at 3.0V) |
| **Propagation Delay** | ~3.4ns (at 3.3V) |
| **Operating Temperature** | -40°C to +85°C |
| **Package Type** | SOT-25 / SOT-23-5 (AF5) |
---
### 2. Pin Configuration
The device typically comes in a 5-pin package. The standard pinout is as follows:
| Pin Number | Symbol | Description |
| :--- | :--- | :--- |
| 1 | NC | No Connection |
| 2 | A | Data Input |
| 3 | GND | Ground |
| 4 | Y | Data Output |
| 5 | Vcc | Power Supply |
---
### 3. Core Features
* **Wide Voltage Range:** Supports legacy 5V systems as well as modern 1.8V and 3.3V logic levels.
* **Overvoltage Tolerant Inputs:** The inputs can withstand up to 5.5V regardless of the supply voltage (Vcc). This makes it excellent for **downward level translation** (e.g., converting 5V signals to 3.3V).
* **Ioff Circuitry:** Supports partial-power-down mode operation. This prevents damaging backflow current through the device when it is powered down.
* **High Drive Capability:** Provides up to 24mA of output drive, suitable for driving transmission lines or heavy capacitive loads.
---
### 4. Part Number Breakdown
The suffixing follows specific manufacturer nomenclature (likely UTC - Unisonic Technologies):
* **U74LVC:** Series (Low Voltage CMOS).
* **1G34:** Logic function (Single Gate, Non-inverting Buffer).
* **L:** Lead-free/Halogen-free.
* **AF5:** Package code (SOT-25).
* **R:** Tape and Reel packaging.
---
### 5. Common Applications
* **Signal Isolation:** Preventing noise from propagating back to the source.
* **Level Shifting:** Interfacing a high-voltage sensor with a low-voltage MCU.
* **Bus Driving:** Strengthening a signal that needs to travel across a long PCB trace.
- ⤷
What is the difference between this buffer and an inverter like the 1G04?
- ⤷ Can I use this part to convert a 1.8V signal to 5V?
- ⤷ What are the specific power consumption ratings in standby mode?