Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • U74LVC2G06G-AL6-R

  • AI
    ## U74LVC2G06G-AL6-R: Technical Overview The **U74LVC2G06G-AL6-R** is a high-performance, low-voltage CMOS device containing **two independent inverters with open-drain outputs**. It is widely used for level shifting, signal buffering, and driving loads that require a different voltage rail. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Function** | Dual Inverter with Open-Drain Outputs | | **Operating Voltage (Vcc)** | 1.65V to 5.5V | | **Logic Type** | LVC (Low Voltage CMOS) | | **Output Current** | up to 32mA (at 4.5V) | | **Propagation Delay** | ~3.0ns (at 3.3V) | | **Package Type** | SOT-363 (AL6) | | **Mounting Type** | Surface Mount (SMD) | --- ### 2. Pin Configuration The device typically comes in a 6-pin package (SOT-363). | Pin Number | Symbol | Description | | :--- | :--- | :--- | | 1 | 1A | Data Input 1 | | 2 | GND | Ground (0V) | | 3 | 2A | Data Input 2 | | 4 | 2Y | Open-Drain Output 2 | | 5 | Vcc | Supply Voltage | | 6 | 1Y | Open-Drain Output 1 | --- ### 3. Core Features & Functional Details #### Open-Drain Output Unlike standard push-pull outputs, the **Open-Drain** architecture means the device can only pull the output signal to **Low (GND)**. To achieve a **High** state, an external pull-up resistor must be connected to the desired voltage rail. #### I-off Circuitry The device supports **partial power-down mode** operations. When the device is powered down ($V_{cc} = 0V$), the inputs and outputs are disabled, preventing damaging backflow current into the device. #### Input Hysteresis It typically features a small amount of hysteresis to ensure clean switching even with slightly noisy or slow-rising input signals. --- ### 4. Typical Application Circuit Because it is open-drain, it is frequently used for **Voltage Level Translation**. ```text Input (1.8V Logic) ----> [ 1A ] [ ] Pull-up Resistor (5V) --+ [ 1Y ] ----> Output (5V Logic) | (Vcc_External) ``` --- ### 5. Ordering Information Deciphered * **U74LVC**: Family (Low Voltage CMOS). * **2G06**: Dual Gate, Inverter (Open-Drain). * **G**: Halogen-free / RoHS compliant. * **AL6**: Package code for SOT-363. * **R**: Tape and Reel packaging.
    ✨ Follow-up Questions
    • ⤷ What is the maximum pull-up voltage allowed on the output pins?
    • ⤷ How does an open-drain inverter differ from a standard CMOS inverter in terms of power consumption?
    • ⤷ What is the recommended value for the external pull-up resistor in a 3.3V system?