AI

The **U74LVC2G158L-S08-R** is a high-performance, low-voltage CMOS device featuring a dual 2-line to 1-line multiplexer. It is designed for high-speed, low-power applications where signal switching or routing is required.
---
### 1. Key Technical Specifications
| Parameter | Specification |
|:---|:---|
| **Function** | Dual 2-Line to 1-Line Data Selector/Multiplexer |
| **Technology** | LVC (Low Voltage CMOS) |
| **Operating Voltage (Vcc)** | 1.65V to 5.5V |
| **Logic Type** | Inverting (The output is the complement of the selected input) |
| **Package Type** | SOP-8 / MSOP-8 (S08 suffix) |
| **Output Drive Capacity** | ±24 mA at 3.0V |
| **Operating Temperature** | -40°C to +125°C |
---
### 2. Functional Description
The U74LVC2G158 consists of two independent multiplexers. For each multiplexer, a common select input (**S**) determines which data input (**I0** or **I1**) is routed to the output (**Y**).
**Note on Inversion:** This specific part number is an **inverting** multiplexer. If input `I0` is selected and it is HIGH, the output `Y` will be LOW.
#### Truth Table (For one channel)
| Control (S) | Input (I0) | Input (I1) | Output (Y) |
|:---:|:---:|:---:|:---:|
| L | L | X | **H** |
| L | H | X | **L** |
| H | X | L | **H** |
| H | X | H | **L** |
*(L = Low, H = High, X = Don't Care)*
---
### 3. Pin Configuration (Typical SOP-8)
Typically, the pinout for a "2G158" dual multiplexer is arranged as follows:
1. **1S**: Common Select for Mux 1
2. **1I0**: Data Input 0 for Mux 1
3. **1I1**: Data Input 1 for Mux 1
4. **GND**: Ground
5. **2Y**: Inverted Output of Mux 2
6. **2I1**: Data Input 1 for Mux 2
7. **2I0**: Data Input 0 for Mux 2
8. **Vcc**: Supply Voltage
---
### 4. Features and Advantages
* **Ioff Circuitry:** Supports partial power-down mode. When the device is powered down, the inputs and outputs are high-impedance, preventing backflow current from damaging the device.
* **High Speed:** Propagation delay is typically around 3.0ns to 5.0ns (depending on Vcc), making it suitable for high-speed data routing.
* **Wide Vcc Range:** Compatible with 1.8V, 2.5V, 3.3V, and 5V logic systems.
---
### 5. Common Applications
* **Signal Routing:** Switching between two different clock sources or data streams.
* **Control Logic:** Implementing basic Boolean functions in compact PCB layouts.
* **Mobile Devices:** Due to low power consumption and small SOP-8/TSSOP-8 footprints.
- ⤷What is the difference between the 74LVC2G158 and the 74LVC2G157?
- ⤷ How does the 'Ioff' feature protect a circuit during power-down?
- ⤷ What are the recommended decoupling capacitor values for this IC?