U7SH32-AF5-R
AI

The **U7SH32-AF5-R** is a specific integrated circuit produced by **UTC (Unisonic Technologies Co., Ltd)**. It is a high-speed CMOS logic gate, specifically a **2-input OR Gate**.
Below is a detailed breakdown of its electronic characteristics and technical specifications.
---
### 1. General Identification
| Feature | Specification |
| :--- | :--- |
| **Function** | 2-Input OR Gate |
| **Logic Family** | High-Speed CMOS (74SH / 74VHC equivalent) |
| **Package Type** | SOT-25 / SOT-23-5 (AF5 suffix) |
| **Packing** | Tape & Reel (R suffix) |
### 2. Technical Specifications
The "SH" family is generally designed for high-speed performance with low power consumption, compatible with TTL levels in many applications.
| Parameter | Value / Range |
| :--- | :--- |
| **Supply Voltage ($V_{CC}$)** | 2.0V to 5.5V |
| **Input Voltage ($V_{IN}$)** | 0V to 5.5V |
| **Output Current ($I_{OH}/I_{OL}$)** | ±8 mA (at 4.5V) |
| **Propagation Delay ($t_{pd}$)** | ~3.8ns (at 5V, Typical) |
| **Operating Temperature** | -40°C to +85°C |
### 3. Logic Representation
The device performs the Boolean function **$Y = A + B$**. The output is HIGH if either input A or input B is HIGH.
#### Truth Table
| Input A | Input B | Output Y |
| :---: | :---: | :---: |
| L | L | L |
| L | H | H |
| H | L | H |
| H | H | H |
### 4. Pin Configuration (SOT-25)
Standard 5-pin layout for single-gate logic:
1. **Pin 1:** Input B
2. **Pin 2:** Input A
3. **Pin 3:** Ground (GND)
4. **Pin 4:** Output Y
5. **Pin 5:** Supply Voltage ($V_{CC}$)
---
### 5. Key Features
* **Overvoltage Tolerant Inputs:** The inputs can withstand up to 5.5V regardless of the supply voltage, making it excellent for voltage level translation (e.g., 5V to 3.3V).
* **Low Power Dissipation:** Typical of CMOS technology, it consumes very little static power.
* **High Noise Immunity:** Designed to provide stable switching in noisy electronic environments.
### 6. Common Applications
* **Signal Combining:** Merging status signals or interrupt lines.
* **Logic Level Shifting:** Interfacing between different voltage domains.
* **Pulse Shaping:** Cleaning up digital signals in high-speed communication.
---
- ⤷
What are the differences between the U7SH32 and the standard 74HC32?
- ⤷ Can the U7SH32-AF5-R be used for 5V to 3.3V level conversion?
- ⤷ What is the physical footprint size of the AF5 (SOT-25) package?