Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • UC4601G-AF5-R

  • AI
    The **UC4601G-AF5-R** is a specific electronic component, typically classified as a **High-Side Power Switch** or a **Power Distribution Switch**. It is manufactured by UTC (Unisonic Technologies Co., Ltd). Below is a detailed breakdown of its specifications, pin configuration, and technical characteristics. --- ### 1. General Overview This integrated circuit (IC) is designed for applications where protective power management is required, such as USB ports. It acts as a gatekeeper, protecting the main power supply from overcurrent or short-circuit conditions at the load. | Feature | Specification | | :--- | :--- | | **Part Number** | UC4601G-AF5-R | | **Function** | Single Channel Power Distribution Switch | | **Package Type** | SOT-25 / SOT-23-5 | | **Output Current** | Typically 0.5A to 1.1A (Fixed or Adjustable depending on variant) | | **Operating Voltage** | 2.7V to 5.5V | | **On-Resistance ($R_{DS(ON)}$)** | Low resistance (approx. 80-110 mΩ) | --- ### 2. Pin Configuration (SOT-25) The device usually comes in a 5-pin SOT package. The pinout is standard for power switches: | Pin Number | Symbol | Description | | :--- | :--- | :--- | | 1 | **OUT** | Output voltage (connected to the load) | | 2 | **GND** | Ground | | 3 | **FLG** | Fault Flag (Open-drain output, asserts low during overcurrent/thermal events) | | 4 | **EN** | Enable Input (Logic level to turn the switch ON/OFF) | | 5 | **IN** | Input Voltage (Supply source) | --- ### 3. Key Technical Features * **Protection Circuitry:** * **Over-Current Protection (OCP):** Limits the current if the load exceeds the threshold. * **Thermal Shutdown:** Automatically turns off if the internal temperature exceeds a safe limit (usually ~150°C). * **Under-Voltage Lockout (UVLO):** Ensures the device stays off if the input voltage is too low to operate reliably. * **Soft Start:** Includes an internal charge pump to provide a controlled rise time, preventing large inrush currents. * **Reverse Current Blocking:** Prevents current from flowing back from the output to the input when the switch is disabled. --- ### 4. Typical Application Circuit When designing with the UC4601G-AF5-R, external capacitors are required for stability: ```text [Input Supply] ----+---- [IN] (Pin 5) (Pin 1) [OUT] ----+---- [Load] | | [C_in] [C_out] | | GND GND ``` * **$C_{in}$:** Typically a 0.1µF to 1µF ceramic capacitor near the input pin. * **$C_{out}$:** A 1µF to 22µF capacitor to handle load transients. --- ### 5. Part Number Suffix Decoding * **G**: Halogen-free and RoHS compliant. * **AF5**: Package code for SOT-25. * **R**: Tape and Reel packaging.
    ✨ Follow-up Questions
    • ⤷What is the difference between active-high and active-low Enable pins for this IC?
    • ⤷ How do I calculate the power dissipation of the UC4601G under full load?
    • ⤷ What are the common alternatives to the UC4601G in USB power management?