Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • UCM101G-AF5-R

  • AI
    ### UCM101G-AF5-R: Component Overview The **UCM101G-AF5-R** is a specific surface-mount electronic component, typically categorized as a **Zener Diode** or a **Voltage Regulator** in a small signal package, often manufactured by companies like UTC (Unisonic Technologies). Below is a breakdown of its technical specifications and electronic characteristics. --- ### 1. Key Technical Specifications | Parameter | Description | Typical Value | | :--- | :--- | :--- | | **Component Type** | Zener Diode / Voltage Reference | - | | **Package Type** | SOT-25 / SOT-23-5 | Surface Mount (SMD) | | **Zener Voltage ($V_z$)** | Nominal Regulation Voltage | Varies by sub-suffix | | **Power Dissipation ($P_d$)** | Max Heat dissipation | ~150mW - 200mW | | **Operating Temp** | Thermal Range | -55°C to +150°C | | **Mounting Style** | PCB Attachment | SMT (Surface Mount Technology) | --- ### 2. Functional Description The UCM101G-AF5-R is primarily used for **voltage stabilization** and **clipping circuits**. * **Voltage Regulation:** It maintains a fixed output voltage despite variations in the input voltage or load current. * **Protection:** It can act as a surge protector to prevent sensitive downstream components from seeing high-voltage spikes. * **Small Footprint:** The AF5 designation usually refers to the **SOT-25** (5-pin) package, which allows for multiple diodes or a specific pinout configuration in a very compact space. --- ### 3. Pin Configuration (General SOT-25) While specific internal wiring depends on the internal schematic, the 5-pin layout generally follows this logic: 1. **Anode/Cathode:** Standard diode terminals. 2. **NC (No Connect):** Often one or two pins are not internally connected to allow for better PCB routing. 3. **Feedback/Common:** In some regulator versions, one pin acts as a reference. --- ### 4. Part Number Breakdown * **UCM101:** The base series identifier. * **G:** Halogen-free and RoHS compliant (Green). * **AF5:** Package code for **SOT-25**. * **R:** Tape and Reel packaging for automated assembly. --- ### 5. Common Applications * **Mobile Devices:** Battery management and charging circuits. * **Logic Level Shifting:** Maintaining specific voltage levels between different integrated circuits. * **Reference Voltages:** Providing a steady reference for Analog-to-Digital Converters (ADCs).
    ✨ Follow-up Questions
    • ⤷ What is the exact Zener voltage rating for the UCM101G-AF5-R?
    • ⤷ Can you provide the internal schematic for the SOT-25 pinout of this part?
    • ⤷ What are the recommended landing patterns for the AF5 package on a PCB?