Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

  • UCM101L-AF5-R

  • AI
    The **UCM101L-AF5-R** is a specific electronic component typically manufactured by UTC (Unisonic Technologies Co.). It is a **Low Dropout (LDO) Linear Voltage Regulator** designed for applications requiring high stability and low noise in a compact form factor. --- ## 1. Technical Specifications Below are the primary electrical characteristics and physical parameters of the component: | Parameter | Specification | | :--- | :--- | | **Component Type** | LDO Linear Voltage Regulator | | **Output Voltage** | 1.0V (Fixed) | | **Input Voltage Range** | Up to 6V (Typical) | | **Output Current** | 150mA (Typical) | | **Package Type** | SOT-25 (AF5) | | **Accuracy** | ±2.0% | | **Operating Temperature** | -40°C to +85°C | | **RoHS Status** | Halogen Free / Lead Free (R) | --- ## 2. Key Features * **Low Dropout Voltage:** Operates efficiently even when the input voltage is only slightly higher than the output voltage. * **Enable/Shutdown Function:** Includes a pin to turn the regulator on or off, which helps in power-sensitive battery-operated devices. * **Low Quiescent Current:** Minimizes power consumption during standby modes. * **Protection Circuits:** Usually includes thermal shutdown and current limiting to prevent damage during fault conditions. --- ## 3. Pin Configuration (SOT-25) The SOT-25 package typically follows this standard pinout for this series: 1. **VIN:** Input Voltage. 2. **GND:** Ground. 3. **CE (Enable):** Chip Enable (High = ON, Low = OFF). 4. **NC/BP:** No Connection or Bypass capacitor (for noise reduction). 5. **VOUT:** Regulated 1.0V Output. --- ## 4. Part Number Breakdown The nomenclature provides specific details about the part's build: * **UCM101:** Series name (150mA LDO). * **L:** Lead-free/Halogen-free material. * **AF5:** Package code for SOT-25. * **R:** Tape and Reel packaging. --- ## 5. Typical Applications Due to its low output voltage (1.0V) and small size, it is commonly used in: * **Portable Electronics:** Smartphones, tablets, and handheld GPS. * **Digital Circuits:** Providing core voltage for microprocessors or DSPs. * **Wireless Modules:** Bluetooth or Wi-Fi chips requiring stable 1.0V rails.
    ✨ Follow-up Questions
    • ⤷ What are the recommended input and output capacitor values for the UCM101L?
    • ⤷ Can the UCM101L-AF5-R handle an input voltage higher than 6V?
    • ⤷ What is the specific dropout voltage at the maximum load of 150mA?