UD05201L-SH2-R
AI

The **UD05201L-SH2-R** is a specific integrated circuit, typically categorized as a **Low Dropout (LDO) Linear Regulator**. It is designed to provide a stable, constant output voltage while maintaining a very low difference between the input and output voltages.
Below is a detailed breakdown of its electronic specifications and features.
---
### 1. Technical Specifications
The following table highlights the primary electrical characteristics of this component:
| Parameter | Description |
| :--- | :--- |
| **Part Number** | UD05201L-SH2-R |
| **Device Type** | LDO Linear Regulator |
| **Output Voltage** | Usually Fixed or Adjustable (depending on variant; 5V is common for UD05) |
| **Current Rating** | Typically 2A (indicated by the '20' in the code) |
| **Package Type** | HSOP-8 or SOP-8 (Exposed Pad) |
| **RoHS Status** | Lead-Free / Halogen-Free |
---
### 2. Key Features
The UD05201L series is favored in consumer electronics for several reasons:
* **Low Quiescent Current:** It draws very little power when the device is in a standby or low-load state.
* **High Current Capability:** Capable of delivering up to 2.0A, making it suitable for driving small motors, LED arrays, or microprocessors.
* **Built-in Protections:**
* *Thermal Shutdown:* Prevents the chip from burning out if it gets too hot.
* *Current Limiting:* Protects the IC and the circuit from short-circuit damage.
* **Stable with Low ESR Capacitors:** Designed to work efficiently with modern ceramic capacitors.
---
### 3. Pin Configuration (Typical HSOP-8)
While you should always consult the official datasheet for the specific manufacturer (often UTC - Unisonic Technologies), the pinout generally follows this structure:
| Pin Number | Name | Function |
| :--- | :--- | :--- |
| 1 | **VOUT** | Regulated Output Voltage |
| 2, 3, 6, 7 | **GND** | Ground / Thermal Heat Sink Connection |
| 4 | **NC/ADJ** | No Connect or Voltage Adjustment Pin |
| 5 | **EN/SD** | Enable / Shutdown Control (High = On) |
| 8 | **VIN** | Unregulated Input Voltage |
---
### 4. Typical Application Circuit
To use this part effectively, peripheral capacitors are required to filter noise and ensure stability.
```markdown
[Input Voltage] ----[ C1: 10uF ]----( VIN ) [ UD05201L ] ( VOUT )----[ C2: 10uF ]---- [ Stable Output ]
| |
(GND) ( EN )
| |
Ground Logic High
```
---
### 5. Part Number Suffix Meaning
* **L:** Refers to "Lead-Free."
* **SH2:** Refers to the specific package type (HSOP-8).
* **R:** Refers to the packaging method (Tape & Reel).
- ⤷
What is the maximum input voltage for the UD05201L-SH2-R?
- ⤷ Can this LDO be used for adjustable voltage outputs or is it strictly fixed?
- ⤷ What are the common alternatives or equivalents for this UTC regulator?